Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-1010M Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # KAI-1010M
Description  Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAI-1010M Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button KAI-1010M Datasheet HTML 6Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 7Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 8Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 9Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 10Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 11Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 12Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 13Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
IMAGE SENSOR SOLUTIONS
Pin Description
PIN NO.
SYMBOL
DESCRIPTION
Notes
1,5,14,16,20,21 GND
Ground
1
2, 24
øV1
Vertical CCD Clock - Phase 1
2
3, 23
øV2
Vertical CCD Clock - Phase 2
3
4
SUB
Substrate
6
FDG
Fast Dump Gate
7
VDD
Output Amplifier Supply
8
VOUTA
Video Output Channel A
9
VSS
Output Amplifier Return & OG
10
øR
Reset Clock
11
VRD
Reset Drain
12
VOUTB
Video Output Channel B
13
øH2
A & B Horizontal CCD Clock - Phase 2
15
øH1B
B Horizontal CCD Clock - Phase 1
17
øH1A
A Horizontal CCD Clock - Phase 1
18
IDHB
Input Diode B Horizontal CCD
19
IDHA
Input Diode A Horizontal CCD
22
WELL
P-Well
Table 1 Package Pin Assignments
Notes:
1. All GND pins should be connected to WELL (P-Well).
2. Pins 2 and 24 must be connected together - only 1 Phase 1 clock driver is required.
3. Pins 3and 23 must be connected together - only 1 Phase 2 clock driver is required.
KAI-1010/1011 Rev 8 •
www.k odak.com/go/imagers 585-722- 4385 imagers@kodak.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com