Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-1010M Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # KAI-1010M
Description  Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAI-1010M Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button KAI-1010M Datasheet HTML 29Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 30Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 31Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 32Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 33Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 34Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 35Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 36Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 37Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
IMAGE SENSOR SOLUTIONS
0
100
200
300
400
500
600
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Sensor Plane Irradiance - H - (arb)
Vsub=8V
Vsub=9V
Vsub=10V
Vsub=11V
Vsub=12
V
Vsub=13V
Vsub=14V
Vsub=15V
Figure 24 Example of Vsat versus Vsub
As Vsub is decreased, Vsat increases and anti-blooming protection decreases.
As Vsub is increased, Vsat decreases and anti-blooming protection increases.
KAI-1010/1011 Rev 8 •
www.k odak.com/go/imagers 585-722- 4385 imagers@kodak.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com