Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9010EP Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # DM9010EP
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010EP Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button DM9010EP Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
34
Version: DM9010-DS-P03
Apr. 28, 2005
8.3 PHY ID Identifier Register #1 (PHYID1) - 02
The PHY Identifier Registers #1 and #2 work together in a single identifier of the DM9010. The Identifier consists
of a concatenation of the Organizationally Unique Identifier (OUI), a vendor's model number, and a model
revision number. DAVICOM Semiconductor's IEEE assigned OUI is 00606E.
Bit
Bit Name
Default
Description
2.15-2.0
OUI_MSB
<0181h>
OUI Most Significant Bits
This register stores bit 3 to 18 of the OUI (00606E) to bit 15
to 0 of this register respectively. The most significant two
bits of the OUI are ignored (the IEEE standard refers to these
as bit 1 and 2)
8.4 PHY ID Identifier Register #2 (PHYID2) - 03
Bit
Bit Name
Default
Description
3.15-3.1
0
OUI_LSB
<101110>,
RO/P
OUI Least Significant Bits
Bit 19 to 24 of the OUI (00606E) are mapped to bit 15 to 10
of this register respectively
3.9-3.4
VNDR_MDL
<001010>,
RO/P
Vendor Model Number
Five bits of vendor model number mapped to bit 9 to 4 (most
significant bit to bit 9)
3.3-3.0
MDL_REV
<0000>,
RO/P
Model Revision Number
Five bits of vendor model revision number mapped to bit 3
to 0 (most significant bit to bit 4)
8.5 Auto-negotiation Advertisement Register (ANAR) - 04
This register contains the advertised abilities of this DM9010 device as they will be transmitted to its
link partner during Auto-negotiation.
Bit
Bit Name
Default
Description
4.15
NP
0,RO/P
Next page Indication
0 = No next page available
1 = Next page available
The DM9010 has no next page, so this bit is permanently set
to 0
4.14
ACK
0,RO
Acknowledge
1 = Link partner ability data reception acknowledged
0 = Not acknowledged
The DM9010's auto-negotiation state machine will
automatically control this bit in the outgoing FLP bursts and
set it at the appropriate time during the auto-negotiation
process. Software should not attempt to write to this bit.
4.13
RF
0, RW
Remote Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com