Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9010EP Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # DM9010EP
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010EP Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button DM9010EP Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
47
Version: DM9010-DS-P03
Apr. 28, 2005
9.11 Power Reduced Mode
The Signal detect circuit is always turned to monitor whether
there is any signal on the media (cable disconnected). The
DM9010 automatically turns off the power and enters the
Power Reduced mode, whether its operation mode is
N-way or force mode. When enters the Power Reduced
mode, the transmit circuit still sends out fast link pules with
minimum power consumption. If a valid signal is detected
from the media, which might be N-ways fast link pules,
10Base-T normal link pules, or 100Base-TX MLT3 signals,
the device will wake up and resume a normal
operation mode.
That can be writing Zero to PHY Reg.16.4 to disable Power
Reduced mode.
9.11.1 Power Down Mode
The PHY Reg.0.11 can be set high to enter the Power
Down mode, which disables all transmit, receive functions
and MII interface functions, except the MDC/MDIO
management interface.
9.11.2 Reduced Transmit Power Mode
The additional Transmit power reduction can be
gained by designing with 1.25:1 turns ration magnetic
on its TX side and using a 8.5KΩ resistor on BGRES
and AGND pins, and the TXO+/TXO- pulled high
resistors should be changed from 50 Ω to 78 Ω .
This configuration could be reduced about 20%
transmit power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com