Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6228Q Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6228Q
Description  DMOS driver for bipolar stepper motor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228Q Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6228Q Datasheet HTML 2Page - STMicroelectronics L6228Q Datasheet HTML 3Page - STMicroelectronics L6228Q Datasheet HTML 4Page - STMicroelectronics L6228Q Datasheet HTML 5Page - STMicroelectronics L6228Q Datasheet HTML 6Page - STMicroelectronics L6228Q Datasheet HTML 7Page - STMicroelectronics L6228Q Datasheet HTML 8Page - STMicroelectronics L6228Q Datasheet HTML 9Page - STMicroelectronics L6228Q Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Pin connection
L6228Q
6/32
Table 4.
Pin description
N°
Pin
Type
Function
1, 21
GND
GND
Ground terminals.
9OUT1B
Power Output Bridge B Output 1.
11
RCB
RC Pin
RC Network Pin. A parallel RC network connected between this pin and
ground sets the Current Controller OFF-Time of the Bridge B.
12
SENSEB
Power
Supply
Bridge B Source Pin. This pin must be connected to Power Ground through a
sensing power resistor.
13
VREFB
Analog Input
Bridge B Current Controller Reference Voltage.
Do not leave this pin open or connected to GND.
14
HALF/FULL
Logic Input
Step Mode Selector. HIGH logic level sets HALF STEP Mode, LOW logic
level sets FULL STEP Mode.
If not used, it has to be connected to GND or +5 V.
15
CONTROL
Logic Input
Decay Mode Selector. HIGH logic level sets SLOW DECAY Mode. LOW logic
level sets FAST DECAY Mode.
If not used, it has to be connected to GND or +5 V.
16
EN
Logic Input
(1)
Chip Enable. LOW logic level switches OFF all Power MOSFETs of both
Bridge A and Bridge B. This pin is also connected to the collector of the
Overcurrent and Thermal Protection to implement over current protection.
If not used, it has to be connected to +5 V through a resistor.
17
VBOOT
Supply
Voltage
Bootstrap Voltage needed for driving the upper Power MOSFETs of both
Bridge A and Bridge B.
19
OUT2B
Power Output Bridge B Output 2.
20
VSB
Power
Supply
Bridge B Power Supply Voltage. It must be connected to the Supply Voltage
together with pin VSA
22
VSA
Power
Supply
Bridge A Power Supply Voltage. It must be connected to the Supply Voltage
together with pin VSB
23
OUT2A
Power Output Bridge A Output 2.
24
VCP
Output
Charge Pump Oscillator Output.
25
RESET
Logic Input
Reset Pin. LOW logic level restores the Home State (State 1) on the Phase
Sequence Generator State Machine.
If not used, it has to be connected to +5 V.
26
VREFA
Analog Input
Bridge A Current Controller Reference Voltage.
Do not leave this pin open or connected to GND.
27
CLOCK
Logic Input
Step Clock input. The state machine makes one step on each rising edge.
28
CW/CCW
Logic Input
Selects the direction of the rotation. HIGH logic level sets clockwise direction,
whereas LOW logic level sets counterclockwise direction.
If not used, it has to be connected to GND or +5 V.
29
SENSEA
Power
Supply
Bridge A Source Pin. This pin must be connected to Power Ground through a
sensing power resistor.
30
RCA
RC Pin
RC Network Pin. A parallel RC network connected between this pin and
ground sets the Current Controller OFF-Time of the Bridge A.
31
OUT1A
Power Output Bridge A Output 1.
1.
Also connected at the output drain of the Over current and Thermal protection MOSFET. Therefore, it has to be driven
putting in series a resistor with a value in the range of 2.2 k
Ω - 180 kΩ, recommended 100kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com