| Electronic Components Datasheet Search |
|
L6228Q Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6228Q Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 32 page ![]() L6228Q Circuit description 17/32 Figure 16. Fast decay mode output stage configurations Figure 17. Slow decay mode output stage configurations 4.5 Stepping sequence generation The phase sequence generator is a state machine that provides the phase and enable inputs for the two bridges to drive a stepper motor in either full step or half step. Two full step modes are possible, the Normal Drive Mode where both phases are energized each step and the Wave Drive Mode where only one phase is energized at a time. The drive mode is selected by the HALF/FULL input and the current state of the sequence generator as described below. A rising edge of the CLOCK input advances the state machine to the next state. The direction of rotation is set by the CW/CCW input. The RESET input resets the state machine to state 1. 4.6 Half step mode A HIGH logic level on the HALF/FULL input selects Half Step Mode. Figure 18 shows the motor current waveforms and the state diagram for the Phase Sequencer Generator. At Start-Up or after a RESET the Phase Sequencer is at state 1. After each clock pulse the state changes following the sequence 1,2,3,4,5,6,7,8,… if CW/CCW is high (Clockwise movement) or 1,8,7,6,5,4,3,2,… if CW/CCW is low (Counterclockwise movement). A) ON TIME B) 1 µs DEAD TIME C) QUASI-SYNCHRONOUS RECTIFICATION D) 1 µs SLOW DECAY D01IN1335 A) ON TIME B) 1 µs DEAD TIME C) SYNCHRONOUS RECTIFICATION D) 1 µs DEAD TIME D01IN1336 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |