Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6228Q Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6228Q
Description  DMOS driver for bipolar stepper motor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228Q Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6228Q Datasheet HTML 4Page - STMicroelectronics L6228Q Datasheet HTML 5Page - STMicroelectronics L6228Q Datasheet HTML 6Page - STMicroelectronics L6228Q Datasheet HTML 7Page - STMicroelectronics L6228Q Datasheet HTML 8Page - STMicroelectronics L6228Q Datasheet HTML 9Page - STMicroelectronics L6228Q Datasheet HTML 10Page - STMicroelectronics L6228Q Datasheet HTML 11Page - STMicroelectronics L6228Q Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Electrical characteristics
L6228Q
8/32
fCLK
Clock frequency
100
kHz
tS(MIN)
Minimum set-up time(5)
1µs
tH(MIN)
Minimum hold time (5)
1µs
tR(MIN)
Minimum reset time (5)
1µs
tRCLK(MIN) Minimum reset to clock delay time
(5)
1µs
tDT
Dead time protection
0.5
1
µs
fCP
Charge pump frequency
Tj = -25 °C to 125 °C
(1)
0.6
1
MHz
PWM comparator and monostable
IRCA, IRCB Source current at pins RCA and RCB
VRCA = VRCB = 2.5 V
3.5
5.5
mA
Voffset
Offset voltage on sense comparator
VREFA, VREFB = 0.5 V
±5
mV
tPROP
Turn OFF propagation delay (6)
500
ns
tBLANK
Internal blanking time on SENSE pins
1
µs
tON(MIN)
Minimum on time
2.5
3
µs
tOFF
PWM recirculation time
ROFF = 20 kΩ; COFF = 1 nF
13
µs
ROFF = 100 kΩ; COFF = 1 nF
61
µs
IBIAS
Input bias current at pins VREFA and
VREFB
10
µA
Over current protection
ISOVER
Input supply overcurrent protection
threshold
Tj = -25 °C to 125 °C
(1)
2.8
A
ROPDR
Open drain ON resistance
I = 4 mA
40
60
W
tOCD(ON)
OCD turn-on delay time (7)
I = 4 mA; CEN < 100 pF
200
ns
tOCD(OFF)
OCD turn-off delay time (7)
I = 4 mA; CEN < 100 pF
100
ns
1.
Tested at 25 °C in a restricted range and guaranteed by characterization
2.
See Figure 3.
3.
See Figure 4.
4.
See Figure 5.
5.
See Figure 6.
6.
Measured applying a voltage of 1 V to pin SENSE and a voltage drop from 2 V to 0 V to pin VREF.
7.
See Figure 7.
Table 5.
Electrical characteristcs (continued) (TA = 25 °C, Vs = 48 V, unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com