Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRTB-GVSG Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # LRTB-GVSG
Description  MULTILED
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LRTB-GVSG Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button LRTB-GVSG Datasheet HTML 16Page - ams-OSRAM AG LRTB-GVSG Datasheet HTML 17Page - ams-OSRAM AG LRTB-GVSG Datasheet HTML 18Page - ams-OSRAM AG LRTB-GVSG Datasheet HTML 19Page - ams-OSRAM AG LRTB-GVSG Datasheet HTML 20Page - ams-OSRAM AG LRTB-GVSG Datasheet HTML 21Page - ams-OSRAM AG LRTB-GVSG Datasheet HTML 22Page - ams-OSRAM AG LRTB-GVSG Datasheet HTML 23Page - ams-OSRAM AG LRTB-GVSG Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
LRTB GVSG
2017-06-15
20
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle D = parameter
I
F = f (tp); true green (1 Chip on)
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle D = parameter
I
F = f (tp); blue (1 Chip on)
10-6
10-5
10-4
10-3
0,01
0,1
1
10
Pulse time [s]
100
200
300
IF [mA]
TS = 110°C
LRTB GVSG.T
: D = 1.0
: D = 0.5
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005
10-6
10-5
10-4
10-3
0,01
0,1
1
10
Pulse time [s]
100
200
300
IF [mA]
TS = 110°C
LRTB GVSG.B
: D = 1.0
: D = 0.5
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com