Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA323WQS Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA323WQS
Description  2.1-channel high-efficiency digital audio system with QSound QHD®
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WQS Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA323WQS Datasheet HTML 18Page - STMicroelectronics STA323WQS Datasheet HTML 19Page - STMicroelectronics STA323WQS Datasheet HTML 20Page - STMicroelectronics STA323WQS Datasheet HTML 21Page - STMicroelectronics STA323WQS Datasheet HTML 22Page - STMicroelectronics STA323WQS Datasheet HTML 23Page - STMicroelectronics STA323WQS Datasheet HTML 24Page - STMicroelectronics STA323WQS Datasheet HTML 25Page - STMicroelectronics STA323WQS Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
Electrical characteristics curves
STA323WQS
22/78
5
Electrical characteristics curves
5.1
Output power against supply voltage
Figure 14.
Stereo mode - output power vs. supply voltage, THD+N = 10%
Figure 14 shows the full-scale output power (0 dBFS digital input with unity amplifier gain)
as a function of power supply voltage for 4, 6, and 8
Ω loads in either DDX® mode or binary
full bridge mode. Output power is constrained for higher impedance loads by the maximum
voltage limit of the STA323WQS and by the over-current protection limit for lower impedance
loads. The minimum threshold for the over-current protection circuit of the STA323WQS is
4 A (at 25° C) but the typical threshold is 6 A for the device. The solid curves shows the
typical output power capability of the device. The dotted curves shows the output power
capability constrained to the minimum current specification of the STA323WQS. The output
power curves assume proper thermal management of the power device's internal
dissipation.
Figure 15.
Output power vs. supply for stereo bridge, THD+N=1%
80
70
60
50
40
4ohm
6ohm
8ohm
30
20
10
10
12
14
16
18
20
22
24
26
Power Supply Voltage (VDC)
Output power (W)
supply voltage (V)
output power (W) - BTL 1% THD
0
10
20
30
40
50
60
10
15
20
25
30
16ohm
8 ohm
6 ohm
4 ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com