Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA323WQS Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA323WQS
Description  2.1-channel high-efficiency digital audio system with QSound QHD®
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WQS Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA323WQS Datasheet HTML 19Page - STMicroelectronics STA323WQS Datasheet HTML 20Page - STMicroelectronics STA323WQS Datasheet HTML 21Page - STMicroelectronics STA323WQS Datasheet HTML 22Page - STMicroelectronics STA323WQS Datasheet HTML 23Page - STMicroelectronics STA323WQS Datasheet HTML 24Page - STMicroelectronics STA323WQS Datasheet HTML 25Page - STMicroelectronics STA323WQS Datasheet HTML 26Page - STMicroelectronics STA323WQS Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
STA323WQS
Electrical characteristics curves
23/78
Figure 15 shows the mono mode output power as a function of power supply voltages for
loads of 4, 6, 8 and 16
Ω. The same current limits as those given for Figure 14 apply, except
output current is 8 A minimum, with 12 A typical in the mono-bridge configuration. The solid
curves show typical performance and dashed curves depict the minimum current limit. The
output power curves assume proper thermal management of the power device internal
dissipation.
Figure 16.
Half-bridge binary mode output power vs. supply, THD+N=10%
Figure 16 shows the output power as a function of power supply voltages for loads of 4, 6,
and 8
Ω when the STA323WQS is operated in a half-bridge binary mode. The curves depict
typical performance. Minimum current limit is not reached for these combinations of voltage
and load impedance. The output power curves assume proper thermal management of the
power device internal dissipation.
Figure 17.
Half-bridge binary mode output power vs. supply voltage, THD+N=1%
10
25
20
15
4ohm
6ohm
8ohm
5
0
10
12
14
16
18
20
22
2
26
Power Supply Voltage (VDC)
Output power (W)
Curves measured at
f = 1 kHz and using
a blocking capacitor
of 330 µF
supply voltage (V)
output power (W)
0
5
10
15
20
25
10
15
20
25
30
8 ohm
4 ohm
3 ohm
2 ohm
Curves measured at
f = 1 kHz and using
a blocking capacitor
of 330 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com