Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA323WQS Datasheet(PDF) 40 Page - STMicroelectronics

Part # STA323WQS
Description  2.1-channel high-efficiency digital audio system with QSound QHD®
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WQS Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STA323WQS Datasheet HTML 36Page - STMicroelectronics STA323WQS Datasheet HTML 37Page - STMicroelectronics STA323WQS Datasheet HTML 38Page - STMicroelectronics STA323WQS Datasheet HTML 39Page - STMicroelectronics STA323WQS Datasheet HTML 40Page - STMicroelectronics STA323WQS Datasheet HTML 41Page - STMicroelectronics STA323WQS Datasheet HTML 42Page - STMicroelectronics STA323WQS Datasheet HTML 43Page - STMicroelectronics STA323WQS Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
Register descriptions
STA323WQS
40/78
7.1.3
Thermal warning recovery bypass
If the thermal warning adjustment is enabled (TWAB = 0), then the thermal warning
recovery determines if the adjustment is removed when thermal warning is negative. If
TWRB = 0 and TWAB = 0, then, when a thermal warning disappears, the gain adjustment
determined by the thermal warning post-scale (default = -3 dB) is removed and the gain is
applied to the system. If TWRB = 1 and TWAB = 0, then when a thermal warning
disappears, the thermal warning post-scale gain adjustment remains until TWRB is changed
to zero or the device is reset.
7.1.4
Thermal warning adjustment bypass
The STA323WQS on-chip power output block provides feedback to the digital controller by
the power control block inputs. The TWARN input is used to indicate a thermal warning
condition. When TWARN is active (set to 0 for a period greater than 400 ms) the power
control block forces an adjustment to the modulation limit in an attempt to eliminate the
thermal warning condition. Once the thermal warning volume adjustment is applied,
whether the gain is reapplied when TWARN is inactive, depends on the TWRB bit.
7.1.5
Fault detect recovery bypass
The DDX power block provides feedback to the digital controller using inputs to the power
control block. The FAULT input is used to indicate a fault condition (either over-current or
thermal). When FAULT is active (set to 0), the power control block attempts a recovery from
the fault by activating the 3-state output (setting it to 0 which directs the power output block
to begin recovery). It holds it at 0 for period of time in the range of 0.1 ms to 1 second as
defined by the Fault-Detect Recovery Constant register (FDRC registers 29-2Ah), then
toggles it back to 1. This sequence is repeated as long as the fault indication exists. This
feature is enabled by default but can be bypassed by setting the FDRB control bit to 1.
Table 18.
Thermal warning recovery bypass
Bit
R/W
RST
Name
Description
5RW
1
TWRB
0: Thermal warning Recovery enabled
1: Thermal warning Recovery disabled
Table 19.
Thermal warning adjustment bypass
Bit
R/W
RST
Name
Description
6RW
1
TWAB
0: thermal warning adjustment enabled
1: thermal warning adjustment disabled
Table 20.
Fault detect recovery bypass
Bit
R/W
RST
Name
Description
7RW
0
FDRB
0: fault detector recovery enabled
1: fault detector recovery disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com