Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT38074SCMGI Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 74FCT38074SCMGI
Description  Low Skew 1 to 4 Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT38074SCMGI Datasheet(HTML) 3 Page - Renesas Technology Corp

  74FCT38074SCMGI Datasheet HTML 1Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 2Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 3Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 4Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 5Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 6Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 7Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 8Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
74FCT38074S Datasheet
3
© 2015-2025 Renesas Electronics Corporation
Jun 12, 2025
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 74FCT38074S. These ratings, which are standard
values for Renesas commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the
recommended operating temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
3.465V
Outputs
-0.5 V to VDD+0.5 V
ICLK
3.465V
Ambient Operating Temperature (extended)
-40° to +105°C
Storage Temperature
-65° to +150°C
Junction Temperature
125°C
Soldering Temperature
260°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (extended)
-40
+105
C
Power Supply Voltage (measured in respect to GND)
+1.71
+3.465
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com