Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT38074SCMGI Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 74FCT38074SCMGI
Description  Low Skew 1 to 4 Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT38074SCMGI Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 74FCT38074SCMGI Datasheet HTML 2Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 3Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 4Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 5Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 6Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 7Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 8Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 9Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
74FCT38074S Datasheet
7
© 2015-2025 Renesas Electronics Corporation
Jun 12, 2025
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas website. The
package information is the most current data available and is subject to change without revision of this document.
Ordering Information
“G” after the two-letter package code denotes Pb-Free configuration, RoHS compliant.
Revision History
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
74FCT38074SDCGI
see page 6
Tubes
8-pin SOIC
-40° to +105°C
74FCT38074SDCGI8
Tape and Reel
8-pin SOIC
-40° to +105°C
74FCT38074SCMGI
Cut Tape
8-pin DFN
-40° to +105°C
74FCT38074SCMGI8
Tape and Reel
8-pin DFN
-40° to +105°C
Revision
Date
Description
1.02
Jun 12, 2025
• Updated a package link in Ordering Information
1.01
Jun 9, 2025
• Added Thermal Characteristics for the 8DFN package
• Added package links to Ordering Information
1.00
Mar 18, 2015
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com