Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT38074SCMGI Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 74FCT38074SCMGI
Description  Low Skew 1 to 4 Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT38074SCMGI Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 74FCT38074SCMGI Datasheet HTML 2Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 3Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 4Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 5Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 6Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 7Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 8Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 9Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
74FCT38074S Datasheet
6
© 2015-2025 Renesas Electronics Corporation
Jun 12, 2025
Test Load and Circuit
Thermal Characteristics
8SOIC
8DFN
Marking Diagrams
Notes:
1. “
**” is the lot number.
2. “YYWW” or “YW” are the last digits of the year and week that the part was assembled.
3 “G” denotes RoHS compliant package.
4. “$” denotes mark code.
5. “I” denotes extended temperature range device.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Thermal Resistance Junction to Ambient
JA
Still air
150
C/W
JA
1 m/s air flow
140
C/W
JA
3 m/s air flow
120
C/W
Thermal Resistance Junction to Case
JC
40
C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Thermal Resistance Junction to Ambient
JA
Still air
140.7
C/W
JA
1 m/s air flow
136.5
C/W
JA
2 m/s air flow
133.3
C/W
JA
3 m/s air flow
131.4
C/W
Thermal Resistance Junction to Board
JB
93.8
C/W
Thermal Resistance Junction to Case
JC
64.5
C/W
Rs=33ohm
5 inches
CL = 5pF
50ohms
074S
YW**
8-pin DFN
IDT74FC
T38074S
DCGI
YYWW$
8-pin SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com