Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR176 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SR176_07 Datasheet HTML 6Page - STMicroelectronics SR176_07 Datasheet HTML 7Page - STMicroelectronics SR176_07 Datasheet HTML 8Page - STMicroelectronics SR176_07 Datasheet HTML 9Page - STMicroelectronics SR176_07 Datasheet HTML 10Page - STMicroelectronics SR176_07 Datasheet HTML 11Page - STMicroelectronics SR176_07 Datasheet HTML 12Page - STMicroelectronics SR176_07 Datasheet HTML 13Page - STMicroelectronics SR176_07 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Data transfer
SR176
10/35
3.6
Character transmission format for answer frames
The character format is the same as for the input data transfer (Figure 4). The transmitted
frames include an SOF, data, a CRC and an EOF (as shown in Figure 10). Like the input
data transfer, in case of error, the reader does not emit any error code to the SR176, but
must be able to detect and manage this situation. The data transfer rate is 106 Kbit/second.
3.7
Answer start of frame
The SOF, as shown in Figure 8, consists of:
●
10 ETUs at logic 0
●
2 ETUs at logic 1
3.8
Answer end of frame
The EOF, as shown in Figure 9, consists of:
●
10 ETUs at logic 0
●
2 ETUs at logic 1
Figure 7.
Emitted wave using BPSK subcarrier modulation
Figure 8.
Answer start of frame
Figure 9.
Answer end of frame
Data Bit to Transmit
to the Reader
Or
AI09059
847.5kHz BPSK Modulation
Generated by the SR176
BPSK Modulation at 847.5kHz
During One Bit Time (1/106kHz)
ai07665
ETU
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
b10
b11
0000000000
11
ai07665
ETU
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
b10
b11
0000000000
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com