Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR176 Datasheet(PDF) 30 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button SR176_07 Datasheet HTML 26Page - STMicroelectronics SR176_07 Datasheet HTML 27Page - STMicroelectronics SR176_07 Datasheet HTML 28Page - STMicroelectronics SR176_07 Datasheet HTML 29Page - STMicroelectronics SR176_07 Datasheet HTML 30Page - STMicroelectronics SR176_07 Datasheet HTML 31Page - STMicroelectronics SR176_07 Datasheet HTML 32Page - STMicroelectronics SR176_07 Datasheet HTML 33Page - STMicroelectronics SR176_07 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Package mechanical
SR176
30/35
Figure 47.
A4 antenna specification
Table 10.
A4 antenna specification
Symbol
Parameter
Type
Min
Max
Unit
A
Coil width
15
14.5
15.5
mm
B
Coil length
15
14.5
15.5
mm
A1
Inlay width
19
18.5
19.5
mm
B1
Inlay length
19
18.5
19.5
mm
Overall thickness of copper antenna coil
110
90
130
µm
Silicon thickness
180
165
195
µm
Q
Unloaded Q value
30
FNOM
Unloaded free-air resonance
14.5
MHz
PA
H-field energy for device operation
1.5
123.5
A/m
dbµA/m
AI07696B
B
A
A1
B1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com