Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR176 Datasheet(PDF) 32 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SR176_07 Datasheet HTML 27Page - STMicroelectronics SR176_07 Datasheet HTML 28Page - STMicroelectronics SR176_07 Datasheet HTML 29Page - STMicroelectronics SR176_07 Datasheet HTML 30Page - STMicroelectronics SR176_07 Datasheet HTML 31Page - STMicroelectronics SR176_07 Datasheet HTML 32Page - STMicroelectronics SR176_07 Datasheet HTML 33Page - STMicroelectronics SR176_07 Datasheet HTML 34Page - STMicroelectronics SR176_07 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Part numbering
SR176
32/35
10
Part numbering
Note:
Devices are shipped from the factory with the memory content bits erased to 1.
for a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 12.
Ordering information scheme
Example:
SR176
–
W4 / XXX
Device type
SR176
Package
W4 = 180 µm ± 15 µm Unsawn Wafer
SBN18 = 180 µm ± 15 µm Bumped and Sawn Wafer on 8-inch Frame
A3T = 38 mm x 38 mm Copper Antenna on Continuous Tape
A3S = 38 mm x 38 mm Copper Singulated Adhesive Antenna on Tape
A4T = 15 mm x 15 mm Copper Antenna on Continuous Tape
A4S = 15 mm x 15 mm Copper Singulated Adhesive Antenna on Tape
A5T = 42 mm x 65 mm Copper Antenna on Continuous Tape
A5S = 42 mm x 65 mm Copper Singulated Adhesive Antenna on Tape
Customer code
XXX = Given by STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com