Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP1MBD Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # CDP2DP1MBD
Description  3ft (1m) USB C to DisplayPort 1.2 Cable 4K 60Hz - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable - HBR2/HDR - USB Type C/TB3 Monitor Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DP1MBD Datasheet(HTML) 3 Page - StarTech.com Ltd.

  CDP2DP1MBD Datasheet HTML 1Page - StarTech.com Ltd. CDP2DP1MBD Datasheet HTML 2Page - StarTech.com Ltd. CDP2DP1MBD Datasheet HTML 3Page - StarTech.com Ltd. CDP2DP1MBD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Audio
Yes
Chipset ID
Chrontel - CH7213C-BF
VIA Labs - VL170
Performance
Video Revision
DisplayPort 1.2
Supported Resolutions
DisplayPort: 3840x2160 (4K) / 60Hz
USB-C: 3840x2160 (4K) / 60Hz
Wide Screen Supported
Yes
Audio Specifications
DisplayPort - 7.1 Channel Audio
USB-C - 7.1 Channel Audio
Connector(s)
Connector A
1 - USB-C (24 pin) DisplayPort Alt Mode
Connector B
1 - DisplayPort (20 pin)
Special Notes /
Requirements
System and Cable
Requirements
Your USB-C device must support DisplayPort Alt Mode to work
with this cable
Note
Maximum performance is dependent upon the specifications of
your video source and destination
Environmental
Operating Temperature
0C to 45C (32F to 113F)
Storage Temperature
-10C to 70C (14F to 158F)
Humidity
10%-85% RH
Physical
Characteristics
Color
Black
Material
Plastic
Product Length
39.4 in [100.0 cm]
Product Width
0.8 in [2 cm]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com