Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP1MBD Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # CDP2DP1MBD
Description  3ft (1m) USB C to DisplayPort 1.2 Cable 4K 60Hz - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable - HBR2/HDR - USB Type C/TB3 Monitor Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DP1MBD Datasheet(HTML) 1 Page - StarTech.com Ltd.

  CDP2DP1MBD Datasheet HTML 1Page - StarTech.com Ltd. CDP2DP1MBD Datasheet HTML 2Page - StarTech.com Ltd. CDP2DP1MBD Datasheet HTML 3Page - StarTech.com Ltd. CDP2DP1MBD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3ft (1m) USB C to DisplayPort 1.2 Cable 4K 60Hz - Bidirectional DP to USB-C or USB-C to DP
Reversible Video Adapter Cable - HBR2/HDR - USB Type C/TB3 Monitor Cable
Product ID: CDP2DP1MBD
This USB-C to DisplayPort 1.2 cable lets you connect your USB Type-C (or Thunderbolt 3) device to a DisplayPort
display, or a DP device to a USB-C display with just one cable.
At 3.3 ft. (1 m) in length, this bidirectional adapter cable delivers a compact connection that eliminates excess
adapters and cabling, ensuring a tidy, professional installation. For longer installations, we also offer a 6.6 ft. (2 m)
USB-C to DP cable, enabling you to choose the right cable length for your custom installation needs.
As well, the cable works with both Mac and Windows devices and allows for plug-and-play installation, removing the
need for any additional software or drivers.
Use this USB-C to DisplayPort adapter cable to output 4K video and audio to a DP display from the USB Type-C (or
Thunderbolt 3) port on your laptop or mobile device. With bi-directional capabilities, this cable can also connect your
DisplayPort-enabled devices to a display featuring USB-C input.
This USB-C to DP 1.2 adapter cable lets you harness the video capabilities that are built into your computer's USB
Type-C (or DisplayPort) connection, to deliver the astonishing quality of UHD to your 4K display. For even higher
resolution and bandwidth support, we offer a USB-C to DP 1.4 cable, which is the perfect accessory for early
adopters of 8K.
CDP2DP1MBD is backed by a StarTech.com 3-year warranty and free lifetime technical support.
Note: Your USB 3.1 Type-C device must support DP Alt Mode to work with this cable.
Certifications, Reports and Compatibility


Similar Part No. - CDP2DP1MBD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2DP141MBD STARTECH-CDP2DP141MBD Datasheet
94Kb / 4P
3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable
CDP2DP142MBD STARTECH-CDP2DP142MBD Datasheet
182Kb / 5P
6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional
CDP2DP146B STARTECH-CDP2DP146B Datasheet
100Kb / 4P
6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3
CDP2DP14UCPB STARTECH-CDP2DP14UCPB Datasheet
133Kb / 4P
USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4 Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible
More results

Similar Description - CDP2DP1MBD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Wurth Elektronik GmbH &...
632910731731 WURTH-632910731731 Datasheet
366Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Tripp Lite. All Rights ...
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
U444-006-DP TRIPPLITE-U444-006-DP Datasheet
171Kb / 3P
USB-C to DisplayPort Cable, 4K @ 60Hz, Thunderbolt 3, 6 ft.
U444-003-DP TRIPPLITE-U444-003-DP Datasheet
171Kb / 3P
USB-C to DisplayPort Cable, 4K @ 60Hz, Thunderbolt 3, 3 ft.
logo
IOGEAR
G2LU3CCM01 IOGEAR-G2LU3CCM01 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 3.3ft (1m)
G2LU3CCM02 IOGEAR-G2LU3CCM02 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 6.5ft (2m)
GUC3CHD22 IOGEAR-GUC3CHD22 Datasheet
149Kb / 3P
USB-C to Dual 4K Adapter
logo
Coolgear Inc.
USB3-AC1MB COOLGEAR-USB3-AC1MB Datasheet
158Kb / 1P
USB-C TYPE A TO C USB 3.2 3FT BL
REV. A0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com