Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP1MBD Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # CDP2DP1MBD
Description  3ft (1m) USB C to DisplayPort 1.2 Cable 4K 60Hz - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable - HBR2/HDR - USB Type C/TB3 Monitor Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DP1MBD Datasheet(HTML) 2 Page - StarTech.com Ltd.

  CDP2DP1MBD Datasheet HTML 1Page - StarTech.com Ltd. CDP2DP1MBD Datasheet HTML 2Page - StarTech.com Ltd. CDP2DP1MBD Datasheet HTML 3Page - StarTech.com Ltd. CDP2DP1MBD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
• Ideal for home, office or hot-desk applications
• Perfect accessory for creative professionals
• Deliver enriched presentations on the go
• Stream, view and edit 4K video
Features
• HIGH PERFORMANCE: 3.3ft/1m Reversible USB-C to DisplayPort 1.2 (21.6Gbps) cable or DP to USB-C cable
supports 4K 60Hz/HBR2/HDR/HDCP 2.2/1.4 1080p & Thunderbolt 3 compatible
• REVERSIBLE CABLE: This DisplayPort to USB C bidirectional cable works either way to connect your USB-C
Laptop to a DisplayPort Monitor or connect a DisplayPort device to a USB Type-C display
• DP OR USB-C DP ALT MODE HOST COMPATIBLE: USB-C video cable for Dell XPS/Precision/Latitude, Lenovo
ThinkPad X1 Carbon/Extreme, Surface Laptop 3/Pro, TB3 MacBook Pro/Air, HP EliteBook/Spectre/ZBook
• DP OR USB-C MONITOR COMPATIBLE: Use this DisplayPort to USB C cable to convert from a DP host to a
USB-C monitor; supports USB-C 16:9 & ultrawide monitors from LG, Dell UltraSharp, Acer, Asus Pro Art
• INTEGRATED VIDEO ADAPTER CABLE: Supports driverless setup on any OS, minimizes failure points & signal
loss, and features latching DP connector to ensure a reliable & consistent connection
Hardware
Warranty
3 Years
Active or Passive Adapter
Active
AV Input
USB-C
DisplayPort - 1.2
AV Output
DisplayPort
USB-C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com