Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DPEC Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # CDP2DPEC
Description  USB C to DisplayPort Adapter - 8K/4K 60Hz USB-C to DisplayPort 1.4 Adapter Dongle - USB Type-C to DP Monitor Video Converter - Works w/Thunderbolt 3 - w/12" Long Attached Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DPEC Datasheet(HTML) 3 Page - StarTech.com Ltd.

  CDP2DPEC Datasheet HTML 1Page - StarTech.com Ltd. CDP2DPEC Datasheet HTML 2Page - StarTech.com Ltd. CDP2DPEC Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Requirements
mode) in order to work with this adapter.
Environmental
Operating Temperature
0C to 45C (32F to 113F)
Storage Temperature
-10C to 70C (14F to 158F)
Humidity
10%-85% RH
Physical
Characteristics
Color
Gray
Material
Plastic
Cable Length
12.3 in [31.2 cm]
Product Length
15.4 in [39.0 cm]
Product Width
1.5 in [38.0 mm]
Product Height
0.6 in [15.0 mm]
Weight of Product
0.9 oz [26.0 g]
Packaging
Information
Package Length
8.7 in [22.0 cm]
Package Width
7.9 in [20.0 cm]
Package Height
0.7 in [18.0 mm]
Shipping (Package)
Weight
1.1 oz [32.0 g]
What's in the Box
Included in Package
USB-C to DisplayPort Adapter
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com