Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DPEC Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # CDP2DPEC
Description  USB C to DisplayPort Adapter - 8K/4K 60Hz USB-C to DisplayPort 1.4 Adapter Dongle - USB Type-C to DP Monitor Video Converter - Works w/Thunderbolt 3 - w/12" Long Attached Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DPEC Datasheet(HTML) 2 Page - StarTech.com Ltd.

  CDP2DPEC Datasheet HTML 1Page - StarTech.com Ltd. CDP2DPEC Datasheet HTML 2Page - StarTech.com Ltd. CDP2DPEC Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features
• HIGH PERFORMANCE: USB C to DisplayPort 1.4 adapter connects a single DP display supporting up to 8K 60Hz
with DSC (8K 30Hz without DSC) & 4K 60Hz UHD (3840x2160) DP Alt Mode HBR3 32.4Gbps 2ch Audio HDCP
2.2/1.4 Backward compatible w/ 1080p
• EXTRA LONG CABLE: USB-C to DisplayPort display adapter with 12" (30cm) attached cable for extended reach to
reduce port/connector strain on 2-in-1 devices like Surface Pro 7, iPad Pro & laptops on risers stands Compact,
portable design
• DEVICE COMPATIBILITY: Works w/ Dell XPS, Precision, Latitude, Lenovo ThinkPad X1 Carbon, Extreme, Surface
Laptop 3, Pro 7, MacBook Pro/Air (Intel Processor & M1 Chip), HP EliteBook, Chromebook Requires Intel 11th Gen
w/DSC (or later) for DP 1.4 8K 60Hz
• DISPLAY COMPATIBILITY: USBC to DP external video adapter/converter has been tested for peak performance at
8K/4K 60Hz on a range of DP monitors incl. brands like Dell UltraSharp, Samsung, Asus ProArt, Acer & LG Supports
ultrawide displays (3440x1440)
• EASY TO USE: USB-C to DP adapter dongle supports driverless setup and is OS independent; Works w/any USB
Type-C (DisplayPort over USB-C) or Thunderbolt 3 (TB3) device Recommend using a StarTech.com DisplayPort 1.4
cable (DP14MM2M) to support DSC 8K 60Hz
Hardware
Warranty
3 Years
Chipset ID
VL103
Performance
Maximum Cable Distance
To Display
6.6 ft [2 m]
Video Revision
DisplayPort 1.4
Supported Resolutions
DisplayPort: 7680x4320 (8K) / 60Hz
Wide Screen Supported
Yes
Audio Specifications
DisplayPort - 2 Channel Audio
Connector(s)
Connector A
USB-C (24 pin) DisplayPort Alt Mode
Connector B
DisplayPort (20 pin)
Special Notes /
Requirements
System and Cable
Your USB-C port must support DisplayPort over USB-C (DP Alt



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com