Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DPEC Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # CDP2DPEC
Description  USB C to DisplayPort Adapter - 8K/4K 60Hz USB-C to DisplayPort 1.4 Adapter Dongle - USB Type-C to DP Monitor Video Converter - Works w/Thunderbolt 3 - w/12" Long Attached Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DPEC Datasheet(HTML) 1 Page - StarTech.com Ltd.

  CDP2DPEC Datasheet HTML 1Page - StarTech.com Ltd. CDP2DPEC Datasheet HTML 2Page - StarTech.com Ltd. CDP2DPEC Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USB C to DisplayPort Adapter - 8K/4K 60Hz USB-C to DisplayPort 1.4 Adapter Dongle - USB
Type-C to DP Monitor Video Converter - Works w/Thunderbolt 3 - w/12" Long Attached Cable
Product ID: CDP2DPEC
This USB-C to DisplayPort adapter enables you to output DP video and audio from the USB Type-C port on your
laptop, tablet, smartphone or other USB C device.
This USB C adapter is equipped with an extra-long 12" (30cm) attached cable, providing an extended reach to reduce
port and connector strain on 2-in-1 devices or laptops on risers stands.
The adapter lets you harness the video capabilities that are built into your computer's USB Type-C connection, to
deliver the astonishing quality of UHD to your 4K 60Hz display. This makes it easier for you to multitask while working
on the most resource-demanding applications imaginable.
With this adapter, you can also achieve an output resolution of up to 7680x4320 at 60Hz (with a laptop supporting DP
1.4 and DSC) or 7680x4320 at 30Hz (without DSC), which is perfect for performing high-resolution tasks such as
viewing 8K video. Plus, the DP 1.4 adapter is backward compatible with 1080p displays, which makes it a great
accessory for home, office or other workspace applications while future-proofing for 8K implementation.
This USB Type-C video adapter is highly portable with a small footprint and lightweight design that's easy to tuck into
your laptop bag while commuting between your home, office or traveling for business.
The CDP2DPEC is backed by a 3-year StarTech.com warranty and free lifetime technical support.
Certifications, Reports and Compatibility
Applications
• Connect to virtually any 8K or 4K DisplayPort monitor when you're in the office or traveling
• Connect your USB-C equipped tablet or smartphone to a larger display


Similar Part No. - CDP2DPEC

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2DP141MBD STARTECH-CDP2DP141MBD Datasheet
94Kb / 4P
3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable
CDP2DP142MBD STARTECH-CDP2DP142MBD Datasheet
182Kb / 5P
6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional
CDP2DP146B STARTECH-CDP2DP146B Datasheet
100Kb / 4P
6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3
CDP2DP14UCPB STARTECH-CDP2DP14UCPB Datasheet
133Kb / 4P
USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4 Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible
CDP2DP1MBD STARTECH-CDP2DP1MBD Datasheet
93Kb / 4P
3ft (1m) USB C to DisplayPort 1.2 Cable 4K 60Hz - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable - HBR2/HDR - USB Type C/TB3 Monitor Cable
More results

Similar Description - CDP2DPEC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-006-DP TRIPPLITE-U444-006-DP Datasheet
171Kb / 3P
USB-C to DisplayPort Cable, 4K @ 60Hz, Thunderbolt 3, 6 ft.
U444-006-MDP TRIPPLITE-U444-006-MDP Datasheet
187Kb / 4P
USB 3.1 Gen 1 USB-C to Mini DisplayPort 4K Adapter Cable (M/M), Thunderbolt 3 Compatible, 4K @60Hz, 6 ft.
U444-06N-HVDPW TRIPPLITE-U444-06N-HVDPW Datasheet
165Kb / 3P
USB-C to HDMI/DisplayPort/VGA Adapter - USB 3.1 Gen 1, Thunderbolt 3 Compatible, Ultra HD 4K, MST, White
U444-010-DP TRIPPLITE-U444-010-DP Datasheet
183Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter Cable (M/M), Thunderbolt 3 Compatible, 4K @60Hz, 10 ft.
U444-003-DP TRIPPLITE-U444-003-DP Datasheet
171Kb / 3P
USB-C to DisplayPort Cable, 4K @ 60Hz, Thunderbolt 3, 3 ft.
U444-06N-HD4K6B TRIPPLITE-U444-06N-HD4K6B Datasheet
166Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter (M/F), Thunderbolt 3 Compatibility, 4K @60Hz
U444-06N-DP4K6B TRIPPLITE-U444-06N-DP4K6B Datasheet
165Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter (M/F), Thunderbolt 3 Compatibility, 4K @60Hz
U444-06N-DP4K6W TRIPPLITE-U444-06N-DP4K6W Datasheet
159Kb / 3P
USB-C to DisplayPort Adapter ??Thunderbolt 3, 3840 x 2160 (4K x 2K) @ 60 Hz, White
U444-06N-DP-C TRIPPLITE-U444-06N-DP-C Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter with USB-C PD Charging Port, Thunderbolt 3 Compatible, 4K @60Hz
logo
IOGEAR
GUC3CHD22 IOGEAR-GUC3CHD22 Datasheet
149Kb / 3P
USB-C to Dual 4K Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com