Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DPHD Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # CDP2DPHD
Description  USB C Multiport Video Adapter - 4K 60Hz USB-C to HDMI 2.0 or DisplayPort 1.2 Monitor Adapter - USB Type-C 2-in-1 Display Converter HDMI/DP HBR2 HDR - Thunderbolt 3 Compatible
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DPHD Datasheet(HTML) 3 Page - StarTech.com Ltd.

  CDP2DPHD Datasheet HTML 1Page - StarTech.com Ltd. CDP2DPHD Datasheet HTML 2Page - StarTech.com Ltd. CDP2DPHD Datasheet HTML 3Page - StarTech.com Ltd. CDP2DPHD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Parade - PS8338
Performance
Maximum Cable Distance
To Display
6.6 ft [2 m]
Video Revision
HDMI 2.0
DisplayPort 1.2
Supported Resolutions
HDMI: 3840x2160 (4K) / 60Hz
DisplayPort: 3840x2160 (4K) / 60Hz
Lower resolutions and refresh rates may also be supported
Wide Screen Supported
Yes
Audio Specifications
HDMI - 7.1 Channel Audio
DisplayPort - 7.1 Channel Audio
Connector(s)
Connector A
1 - USB-C (24 pin) DisplayPort Alt Mode
Connector B
1 - DisplayPort
1 - HDMI
Special Notes /
Requirements
Note
Your USB-C device must support DP Alt Mode to work with this
adapter
This adapter only supports a single display - you are not able to
output DisplayPort and HDMI video simultaneously
Environmental
Operating Temperature
0C to 70C (32F to 158F)
Storage Temperature
-10C to 55C (14F to 131F)
Humidity
5~90% RH (no condensation)
Physical
Characteristics
Color
Space Gray
Material
Aluminum



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com