Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DPHD Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # CDP2DPHD
Description  USB C Multiport Video Adapter - 4K 60Hz USB-C to HDMI 2.0 or DisplayPort 1.2 Monitor Adapter - USB Type-C 2-in-1 Display Converter HDMI/DP HBR2 HDR - Thunderbolt 3 Compatible
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DPHD Datasheet(HTML) 2 Page - StarTech.com Ltd.

  CDP2DPHD Datasheet HTML 1Page - StarTech.com Ltd. CDP2DPHD Datasheet HTML 2Page - StarTech.com Ltd. CDP2DPHD Datasheet HTML 3Page - StarTech.com Ltd. CDP2DPHD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
• Connect to virtually any
 HDMI and DisplayPort display while traveling or in the office
• Output
 video to a secondary HDMI or DP monitor
• Stream, view and edit
 4K video on your HDMI or DisplayPort display
Features
• HIGH PERFORMANCE: USB C (DP Alt Mode) to HDMI 2.0 4K 60Hz (UHD) w/HDR or DisplayPort 1.2 4K 60Hz
HBR2 display adapter on a single monitor w/ 7.1ch audio, compatible w/ HDCP 2.2/1.4 & Thunderbolt 3
• FLEXIBLE VIDEO OUTPUT: 2-in-1 portable USB-C multiport video adapter w/ DisplayPort 1.2 or HDMI 2.0, is the
perfect video hub for working from a home or office workstations, boardrooms or on the road
• COMPATIBILITY: USB C display adapter for devices like Dell XPS/Precision/Latitude, Lenovo ThinkPad X1
Carbon/Extreme, Surface Pro 7/Surface Laptop 3, MacBook Pro/Air, HP Elite/EliteBook/Spectre/ZBook
• TESTED & VERIFIED: USB-C adapter tested for peak performance @ 4K 60Hz to ensure compatibility w/ a range
of projectors/displays from brands like Samsung, Dell, HP, Lenovo, Asus, Acer, LG, Sharp, Sony
• EASY TO USE: USB C (DisplayPort over USB-C) display adapter for any TB3/USB Type-C laptop/tablet & supports
driverless plug & play in Windows, macOS, iPadOS, Chrome OS Works w/ 1080p, HDMI 1.4
Hardware
Warranty
3 Years
Active or Passive Adapter
Active
AV Input
USB-C
AV Output
HDMI - 2.0
DisplayPort - 1.2
Audio
Yes
Chipset ID
ITE - IT6563



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com