Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DPHD Datasheet (PDF) - StarTech.com Ltd.

CDP2DPHD Datasheet PDF - StarTech.com Ltd.
Part # CDP2DPHD
Download  CDP2DPHD Download
File Size   231.14 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Video Adapter - 4K 60Hz USB-C to HDMI 2.0 or DisplayPort 1.2 Monitor Adapter - USB Type-C 2-in-1 Display Converter HDMI/DP HBR2 HDR - Thunderbolt 3 Compatible

CDP2DPHD Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP2DPHD Datasheet PDF - StarTech.com Ltd.

Part # CDP2DPHD
Download  CDP2DPHD Click to download

File Size   231.14 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Video Adapter - 4K 60Hz USB-C to HDMI 2.0 or DisplayPort 1.2 Monitor Adapter - USB Type-C 2-in-1 Display Converter HDMI/DP HBR2 HDR - Thunderbolt 3 Compatible

CDP2DPHD Datasheet (HTML) - StarTech.com Ltd.


CDP2DPHD Product details

Applications
• Connect to virtually any HDMI and DisplayPort display while traveling or in the office
• Output video to a secondary HDMI or DP monitor
• Stream, view and edit 4K video on your HDMI or DisplayPort display

Features
• HIGH PERFORMANCE: USB C (DP Alt Mode) to HDMI 2.0 4K 60Hz (UHD) w/HDR or DisplayPort 1.2 4K 60Hz
HBR2 display adapter on a single monitor w/ 7.1ch audio, compatible w/ HDCP 2.2/1.4 & Thunderbolt 3
• FLEXIBLE VIDEO OUTPUT: 2-in-1 portable USB-C multiport video adapter w/ DisplayPort 1.2 or HDMI 2.0, is the
perfect video hub for working from a home or office workstations, boardrooms or on the road
• COMPATIBILITY: USB C display adapter for devices like Dell XPS/Precision/Latitude, Lenovo ThinkPad X1
Carbon/Extreme, Surface Pro 7/Surface Laptop 3, MacBook Pro/Air, HP Elite/EliteBook/Spectre/ZBook
• TESTED & VERIFIED: USB-C adapter tested for peak performance @ 4K 60Hz to ensure compatibility w/ a range
of projectors/displays from brands like Samsung, Dell, HP, Lenovo, Asus, Acer, LG, Sharp, Sony
• EASY TO USE: USB C (DisplayPort over USB-C) display adapter for any TB3/USB Type-C laptop/tablet & supports
driverless plug & play in Windows, macOS, iPadOS, Chrome OS Works w/ 1080p, HDMI 1.4




Similar Part No. - CDP2DPHD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2DP141MBD STARTECH-CDP2DP141MBD Datasheet
94Kb / 4P
3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable
CDP2DP142MBD STARTECH-CDP2DP142MBD Datasheet
182Kb / 5P
6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional
CDP2DP146B STARTECH-CDP2DP146B Datasheet
100Kb / 4P
6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3
CDP2DP14UCPB STARTECH-CDP2DP14UCPB Datasheet
133Kb / 4P
USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4 Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible
CDP2DP1MBD STARTECH-CDP2DP1MBD Datasheet
93Kb / 4P
3ft (1m) USB C to DisplayPort 1.2 Cable 4K 60Hz - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable - HBR2/HDR - USB Type C/TB3 Monitor Cable
More results


Similar Description - CDP2DPHD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-HVDPW TRIPPLITE-U444-06N-HVDPW Datasheet
165Kb / 3P
USB-C to HDMI/DisplayPort/VGA Adapter - USB 3.1 Gen 1, Thunderbolt 3 Compatible, Ultra HD 4K, MST, White
U444-010-DP TRIPPLITE-U444-010-DP Datasheet
183Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter Cable (M/M), Thunderbolt 3 Compatible, 4K @60Hz, 10 ft.
U444-06N-HDR-W TRIPPLITE-U444-06N-HDR-W Datasheet
158Kb / 3P
USB-C to HDMI 4K Adapter with HDR - M/F, USB 3.1, Thunderbolt 3 Compatible, 4K @ 60 Hz, White
U444-06N-HD4K6B TRIPPLITE-U444-06N-HD4K6B Datasheet
166Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter (M/F), Thunderbolt 3 Compatibility, 4K @60Hz
U444-06N-HD-AM TRIPPLITE-U444-06N-HD-AM Datasheet
164Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter (M/F), Thunderbolt 3 Compatible, 4K @24/25/30Hz
U444-06N-HDV4K TRIPPLITE-U444-06N-HDV4K Datasheet
163Kb / 4P
USB Type-C (USB-C) to HDMI/DVI/VGA All-in-One Converter Adapter, Thunderbolt 3 Compatible, Ultra HD 4K @30Hz
U444-06N-HV4K TRIPPLITE-U444-06N-HV4K Datasheet
165Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI/VGA 4K Adapter (M/2xF), Thunderbolt 3 Compatible, 4K @30Hz
U444-06N-DP4K6B TRIPPLITE-U444-06N-DP4K6B Datasheet
165Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter (M/F), Thunderbolt 3 Compatibility, 4K @60Hz
U444-06N-DP-C TRIPPLITE-U444-06N-DP-C Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter with USB-C PD Charging Port, Thunderbolt 3 Compatible, 4K @60Hz
U444-06N-H4K6WC TRIPPLITE-U444-06N-H4K6WC Datasheet
162Kb / 3P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 60Hz - HDMI with PD Charging, Thunderbolt 3 Compatible, White
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com