Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2MDPEC Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # CDP2MDPEC
Description  USB C to Mini DisplayPort Adapter - 4K 60Hz USB-C to mDP Adapter Dongle - USB Type-C to MiniDP Monitor - Video Converter - Works w/Thunderbolt 3-12" Long Attached Cable - Upgraded Version of CDP2MDP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2MDPEC Datasheet(HTML) 3 Page - StarTech.com Ltd.

  CDP2MDPEC Datasheet HTML 1Page - StarTech.com Ltd. CDP2MDPEC Datasheet HTML 2Page - StarTech.com Ltd. CDP2MDPEC Datasheet HTML 3Page - StarTech.com Ltd. CDP2MDPEC Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Connector(s)
Connector A
1 - USB-C (24 pin) DisplayPort Alt Mode
1 - Mini-DisplayPort (20 pin)
Special Notes /
Requirements
System and Cable
Requirements
Your USB-C device must support DisplayPort over USB-C (DP
alt mode) to work with this adapter
This adapter outputs a single-mode Mini DisplayPort signal and
will not work with additional video adapters such as Mini
DisplayPort to HDMI, Mini DisplayPort to VGA or Mini
DisplayPort to DVI adapters
This adapter will not support Thunderbolt displays
Environmental
Operating Temperature
0C to 45C (32F to 113F)
Storage Temperature
-10C to 70C (14F to 158F)
Humidity
10%-85%RH
Physical
Characteristics
Color
Gray
Material
Plastic
Cable Length
12.0 in [306 mm]
Product Length
15.4 in [39.2 cm]
Product Width
1.1 in [2.7 cm]
Product Height
0.6 in [1.6 cm]
Weight of Product
1.0 oz [28.0 g]
Packaging
Information
Package Quantity
1
Package Length
8.9 in [22.5 cm]
Package Width
4.9 in [12.5 cm]
Package Height
0.7 in [1.8 cm]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com