Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2MDPEC Datasheet (PDF) - StarTech.com Ltd.

CDP2MDPEC Datasheet PDF - StarTech.com Ltd.
Part # CDP2MDPEC
Download  CDP2MDPEC Download
File Size   90.55 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C to Mini DisplayPort Adapter - 4K 60Hz USB-C to mDP Adapter Dongle - USB Type-C to MiniDP Monitor - Video Converter - Works w/Thunderbolt 3-12" Long Attached Cable - Upgraded Version of CDP2MDP

CDP2MDPEC Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP2MDPEC Datasheet PDF - StarTech.com Ltd.

Part # CDP2MDPEC
Download  CDP2MDPEC Click to download

File Size   90.55 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C to Mini DisplayPort Adapter - 4K 60Hz USB-C to mDP Adapter Dongle - USB Type-C to MiniDP Monitor - Video Converter - Works w/Thunderbolt 3-12" Long Attached Cable - Upgraded Version of CDP2MDP

CDP2MDPEC Datasheet (HTML) - StarTech.com Ltd.


CDP2MDPEC Product details

Applications
• Connect to virtually any 4K Mini DisplayPort monitor when you're in the office or traveling
• Connect your USB-C equipped tablet or smartphone to a larger display

Features
• HIGH PERFORMANCE: An Upgrade to CDP2MDP, this USB C to Mini DisplayPort adapter connects to an mDP
display or monitor supporting resolutions up to 4K 60Hz UHD (3840x2160) - DP Alt Mode - mDP 1.2 HBR2 - 2ch
Audio - HDCP 2.2/1.4 - Works with 1080p
• EXTRA LONG CABLE: USB Type-C to Mini DisplayPort display adapter with 12" (30cm) attached cable for
extended reach to reduce port/connector strain on 2-in-1 devices like Surface Pro 7, iPad Pro & laptops on risers
stands - Compact, portable design
• DEVICE COMPATIBILITY: USB C to Mini DP adapter works w/ Dell XPS, Precision, Latitude, Lenovo ThinkPad X1
Carbon, Extreme, Surface Laptop 3, Pro 7, MacBook Pro/Air (Intel Processor & M1 Chip), HP EliteBook,
Chromebook
• DISPLAY COMPATIBILITY: USBC to mDP external video adapter/converter tested for peak performance at 4K
60Hz on a range of Mini DP monitors incl. brands like Dell UltraSharp, Samsung, Asus ProArt, Acer & LG - Supports
ultrawide displays (3440x1440)
• EASY TO USE: Supports a driverless setup and is OS independent - USB-C to mDP adapter dongle works with any
USB Type-C (DisplayPort over USB-C) or Thunderbolt 3 (TB3) device - USB C (male) to Mini DisplayPort (female)




Similar Part No. - CDP2MDPEC

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP235APDM STARTECH-CDP235APDM Datasheet
125Kb / 4P
USB C Audio & Charge Adapter - USB-C Audio Adapter w/ 3.5mm TRRS Headphone/Headset Jack and 60W USB Type-C Power Delivery Pass-through Charger - For USB-C Phone/Tablet/Laptop
CDP2CAPDM STARTECH-CDP2CAPDM Datasheet
120Kb / 4P
USB C Audio & Charge Adapter - USB-C Audio Adapter w/ USB-C Audio Headphone/Headset Port and 60W USB Type-C Power Delivery Pass-through Charger - For USB-C Phone/Tablet/Laptop
CDP2DP141MBD STARTECH-CDP2DP141MBD Datasheet
94Kb / 4P
3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable
CDP2DP142MBD STARTECH-CDP2DP142MBD Datasheet
182Kb / 5P
6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional
CDP2DP146B STARTECH-CDP2DP146B Datasheet
100Kb / 4P
6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3
More results


Similar Description - CDP2MDPEC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-006-DP TRIPPLITE-U444-006-DP Datasheet
171Kb / 3P
USB-C to DisplayPort Cable, 4K @ 60Hz, Thunderbolt 3, 6 ft.
U444-006-MDP TRIPPLITE-U444-006-MDP Datasheet
187Kb / 4P
USB 3.1 Gen 1 USB-C to Mini DisplayPort 4K Adapter Cable (M/M), Thunderbolt 3 Compatible, 4K @60Hz, 6 ft.
U444-010-DP TRIPPLITE-U444-010-DP Datasheet
183Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter Cable (M/M), Thunderbolt 3 Compatible, 4K @60Hz, 10 ft.
U436-06N-GB-C TRIPPLITE-U436-06N-GB-C Datasheet
182Kb / 4P
USB-C to Gigabit Network Adapter with USB-C PD Charging - Thunderbolt 3, Black
U444-003-DP TRIPPLITE-U444-003-DP Datasheet
171Kb / 3P
USB-C to DisplayPort Cable, 4K @ 60Hz, Thunderbolt 3, 3 ft.
U444-06N-HD4K6B TRIPPLITE-U444-06N-HD4K6B Datasheet
166Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter (M/F), Thunderbolt 3 Compatibility, 4K @60Hz
U444-06N-DP4K6B TRIPPLITE-U444-06N-DP4K6B Datasheet
165Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter (M/F), Thunderbolt 3 Compatibility, 4K @60Hz
U444-06N-DP-C TRIPPLITE-U444-06N-DP-C Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter with USB-C PD Charging Port, Thunderbolt 3 Compatible, 4K @60Hz
logo
IOGEAR
GUC3CHD22 IOGEAR-GUC3CHD22 Datasheet
149Kb / 3P
USB-C to Dual 4K Adapter
logo
Pepperl+Fuchs Inc.
PSPA1C1GE PF-PSPA1C1GE Datasheet
311Kb / 1P
USB-C to Ethernet Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com