Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2MDPEC Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # CDP2MDPEC
Description  USB C to Mini DisplayPort Adapter - 4K 60Hz USB-C to mDP Adapter Dongle - USB Type-C to MiniDP Monitor - Video Converter - Works w/Thunderbolt 3-12" Long Attached Cable - Upgraded Version of CDP2MDP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2MDPEC Datasheet(HTML) 2 Page - StarTech.com Ltd.

  CDP2MDPEC Datasheet HTML 1Page - StarTech.com Ltd. CDP2MDPEC Datasheet HTML 2Page - StarTech.com Ltd. CDP2MDPEC Datasheet HTML 3Page - StarTech.com Ltd. CDP2MDPEC Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
• Connect to virtually any 4K Mini DisplayPort monitor when you're in the office or traveling
• Connect your USB-C equipped tablet or smartphone to a larger display
Features
• HIGH PERFORMANCE: An Upgrade to CDP2MDP, this USB C to Mini DisplayPort adapter connects to an mDP
display or monitor supporting resolutions up to 4K 60Hz UHD (3840x2160) - DP Alt Mode - mDP 1.2 HBR2 - 2ch
Audio - HDCP 2.2/1.4 - Works with 1080p
• EXTRA LONG CABLE: USB Type-C to Mini DisplayPort display adapter with 12" (30cm) attached cable for
extended reach to reduce port/connector strain on 2-in-1 devices like Surface Pro 7, iPad Pro & laptops on risers
stands - Compact, portable design
• DEVICE COMPATIBILITY: USB C to Mini DP adapter works w/ Dell XPS, Precision, Latitude, Lenovo ThinkPad X1
Carbon, Extreme, Surface Laptop 3, Pro 7, MacBook Pro/Air (Intel Processor & M1 Chip), HP EliteBook,
Chromebook
• DISPLAY COMPATIBILITY: USBC to mDP external video adapter/converter tested for peak performance at 4K
60Hz on a range of Mini DP monitors incl. brands like Dell UltraSharp, Samsung, Asus ProArt, Acer & LG - Supports
ultrawide displays (3440x1440)
• EASY TO USE: Supports a driverless setup and is OS independent - USB-C to mDP adapter dongle works with any
USB Type-C (DisplayPort over USB-C) or Thunderbolt 3 (TB3) device - USB C (male) to Mini DisplayPort (female)
Hardware
Warranty
3 Years
Chipset ID
VL103
Performance
Maximum Cable Distance
To Display
6.6 ft [2 m]
Video Revision
DisplayPort 1.2
Supported Resolutions
Mini DisplayPort: 3840x2160 (4K) / 60Hz
Wide Screen Supported
Yes
Audio Specifications
Mini DisplayPort - 2 Channel Audio



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com