Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LW-QH8G Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # LW-QH8G
Description  Chip LED 0402
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LW-QH8G Datasheet(HTML) 4 Page - ams-OSRAM AG

  LW-QH8G Datasheet HTML 1Page - ams-OSRAM AG LW-QH8G Datasheet HTML 2Page - ams-OSRAM AG LW-QH8G Datasheet HTML 3Page - ams-OSRAM AG LW-QH8G Datasheet HTML 4Page - ams-OSRAM AG LW-QH8G Datasheet HTML 5Page - ams-OSRAM AG LW-QH8G Datasheet HTML 6Page - ams-OSRAM AG LW-QH8G Datasheet HTML 7Page - ams-OSRAM AG LW-QH8G Datasheet HTML 8Page - ams-OSRAM AG LW-QH8G Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LW QH8G
4 Version 1.7 | 2021-09-28
Characteristics
I
F = 5 mA; TA = 25 °C
Parameter
Symbol
Values
Chromaticity Coordinate 3)
Cx
Cy
typ.
typ.
0.29
0.27
Viewing angle at 50% I
V
values for 0°, 90°
2φ
typ.
typ.
115 °
160 °
Forward Voltage 4)
I
F = 5 mA
V
F
min.
typ.
max.
2.60 V
2.80 V
3.10 V
Reverse current 2)
V
R = 5 V
I
R
typ.
max.
0.01 µA
10 µA
Real thermal resistance junction/ambient 5)6)
R
thJA real
typ.
max.
570 K / W
700 K / W
Real thermal resistance junction/solderpoint 5)
R
thJS real
typ.
max.
350 K / W
480 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com