Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LW-QH8G Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # LW-QH8G
Description  Chip LED 0402
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LW-QH8G Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button LW-QH8G Datasheet HTML 5Page - ams-OSRAM AG LW-QH8G Datasheet HTML 6Page - ams-OSRAM AG LW-QH8G Datasheet HTML 7Page - ams-OSRAM AG LW-QH8G Datasheet HTML 8Page - ams-OSRAM AG LW-QH8G Datasheet HTML 9Page - ams-OSRAM AG LW-QH8G Datasheet HTML 10Page - ams-OSRAM AG LW-QH8G Datasheet HTML 11Page - ams-OSRAM AG LW-QH8G Datasheet HTML 12Page - ams-OSRAM AG LW-QH8G Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LW QH8G
9 Version 1.7 | 2021-09-28
Forward current 7), 8)
I
F = f(VF); TA = 25 °C
2.5
1
10
102
5
OHL02359
100
3
3.5
4
4.5 V 5
5
mA
VF
F
I
Relative Luminous Intensity 7), 8)
I
v/Iv(5 mA) = f(IF); TA = 25 °C
OHL03549
(5 mA)
V
V
I
I
IF
1
10
10-1
100
5
2
1
0
10
510mA10
Chromaticity Coordinate Shift 7)
ΔCx, ΔCy = f(I
F); TA = 25 °C
LW QH8G
IF [mA]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com