Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LW-QH8G Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LW-QH8G
Description  Chip LED 0402
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LW-QH8G Datasheet(HTML) 1 Page - ams-OSRAM AG

  LW-QH8G Datasheet HTML 1Page - ams-OSRAM AG LW-QH8G Datasheet HTML 2Page - ams-OSRAM AG LW-QH8G Datasheet HTML 3Page - ams-OSRAM AG LW-QH8G Datasheet HTML 4Page - ams-OSRAM AG LW-QH8G Datasheet HTML 5Page - ams-OSRAM AG LW-QH8G Datasheet HTML 6Page - ams-OSRAM AG LW-QH8G Datasheet HTML 7Page - ams-OSRAM AG LW-QH8G Datasheet HTML 8Page - ams-OSRAM AG LW-QH8G Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LW QH8G
1 Version 1.7 | 2021-09-28
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LW QH8G
Chip LED 0402
—
—
Electronic Equipment
—
—
Gaming, Amusement, Gambling
—
—
Textile Illumination
—
—
White Goods
Features:
—
—
Package: SMT package 0402, colored diffused resin
—
—
Chip technology: InGaN on Sapphire
—
—
Typ. Radiation: 115° (horizontal), 160° (vertical)
—
—
Color: Cx = 0.29, Cy = 0.27 acc. to CIE 1931 (● white)
—
—
Optical efficacy: 40 lm/W
—
—
Corrosion Robustness Class: 3B


Similar Part No. - LW-QH8G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LW-QH8G OSRAM-LW-QH8G Datasheet
673Kb / 21P
SMT package 0402, colored diffused resin
More results

Similar Description - LW-QH8G

ManufacturerPart #DatasheetDescription
logo
QT-Brightek Corp.
QBLP595-2IB5 QTB-QBLP595-2IB5 Datasheet
794Kb / 9P
0402 SMD Chip LED
Version 1.0
QBLP595-IG-2897 QTB-QBLP595-IG-2897 Datasheet
868Kb / 9P
0402 SMD Chip LED
Version 1.0
QBLP595-IG5-2897 QTB-QBLP595-IG5-2897 Datasheet
786Kb / 9P
0402 SMD Chip LED
Version 1.0
QBLP595-IG5 QTB-QBLP595-IG5 Datasheet
786Kb / 9P
0402 SMD Chip LED
Version 1.0
QBLP595-IW-2897 QTB-QBLP595-IW-2897 Datasheet
778Kb / 10P
0402 SMD Chip LED
Version 1.0
QBLP595-IW-SW QTB-QBLP595-IW-SW Datasheet
725Kb / 10P
0402 SMD Chip LED
Version 1.1
QBLP595-IW5-2897 QTB-QBLP595-IW5-2897 Datasheet
824Kb / 10P
0402 SMD Chip LED
Version 1.0
QBLP595-IW5 QTB-QBLP595-IW5 Datasheet
821Kb / 10P
0402 SMD Chip LED
Version 1.0
QBLP595-R-2897 QTB-QBLP595-R-2897 Datasheet
817Kb / 9P
0402 SMD Chip LED
Version 1.2
logo
ams AG
KREGLP41.22 AMSCO-KREGLP41.22 Datasheet
1Mb / 20P
Chip LED 0402
Version 1.4 2022-11-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com