Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD18N40LZ Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGD18N40LZ
Description  EAS 180 mJ - 400 V - internally clamped IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD18N40LZ Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGD18N40LZ Datasheet HTML 2Page - STMicroelectronics STGD18N40LZ Datasheet HTML 3Page - STMicroelectronics STGD18N40LZ Datasheet HTML 4Page - STMicroelectronics STGD18N40LZ Datasheet HTML 5Page - STMicroelectronics STGD18N40LZ Datasheet HTML 6Page - STMicroelectronics STGD18N40LZ Datasheet HTML 7Page - STMicroelectronics STGD18N40LZ Datasheet HTML 8Page - STMicroelectronics STGD18N40LZ Datasheet HTML 9Page - STMicroelectronics STGD18N40LZ Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STGD18N40LZ - STGB18N40LZ
6/18
2.1
Electrical characteristics (curves)
Figure 2.
Collector-emitter voltage vs
temperature
Figure 3.
Collector-emitter voltage vs
temperature
Figure 4.
Collector-emitter voltage vs
temperature
Figure 5.
Self clamped inductive switch
Figure 6.
Collector current vs collector
emitter voltage @ 25 °C
Figure 7.
Collector current vs collector
emitter voltage @ -40 °C
0
10
20
30
40
50
60
TC = 25 °C
VGE = 3
.8 V
VGE = 4 V
VGE
= 4.5 V
VGE = 8 V
VGE = 5 V
→
VCE (V)
IC (A)
HV42380
0
1
2
3
45
0
10
20
30
40
50
60
012
3
456
TC = -40 °C
VGE = 3.8 V
VGE = 4 V
VGE = 4.5 V
VGE = 8 V
VGE = 5 V
VCE (V)
IC (A)
HV42390



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com