Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD18N40LZ Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGD18N40LZ
Description  EAS 180 mJ - 400 V - internally clamped IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD18N40LZ Datasheet(HTML) 4 Page - STMicroelectronics

  STGD18N40LZ Datasheet HTML 1Page - STMicroelectronics STGD18N40LZ Datasheet HTML 2Page - STMicroelectronics STGD18N40LZ Datasheet HTML 3Page - STMicroelectronics STGD18N40LZ Datasheet HTML 4Page - STMicroelectronics STGD18N40LZ Datasheet HTML 5Page - STMicroelectronics STGD18N40LZ Datasheet HTML 6Page - STMicroelectronics STGD18N40LZ Datasheet HTML 7Page - STMicroelectronics STGD18N40LZ Datasheet HTML 8Page - STMicroelectronics STGD18N40LZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
STGD18N40LZ - STGB18N40LZ
4/18
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VCES(clamped)
Collector emitter
clamped voltage
(VGE = 0)
IC = 2 mA, RG = 1 kΩ
TC = - 40 °C to 150 °C
370
400
430
V
V(BR)ECS
Emitter collector
break-down voltage
(VGE = 0)
IC = 75 mA
20
28
V
VGE(clamped)
Gate emitter
clamped voltage
IG = ±2 mA
12
16
V
ICES
Collector cut-off
current
(VGE = 0)
VCE = 15 V, TC = 150 °C
10
µA
VCE = 200 V,TC = 150 °C
100
µA
IGES
Gate cut-off
current (VCE = 0)
VGE = ±10 V
450
625
830
µA
RGE
Gate emitter
resistance
12
16
22
K
Ω
RG
Gate resistance
1.6
K
Ω
VGE(th)
Gate threshold
voltage
VCE = 12 V, IC = 1 mA,TC = -40 °C
1.4
V
VCE = 12 V, IC = 1 mA
1.2
1.6
2.3
V
VCE = 12 V, IC = 1 mA, TC =150 °C
0.7
V
VGEP
Gate emitter plateau
voltage
VCE = 12 V, IC = 10 A
2.9
V
VCE(sat)
Collector emitter
saturation voltage
VGE = 4.5 V, IC = 10 A
1.35
1.7
V
VGE = 4.5 V, IC = 10 A,
TC = 150 °C
1.30
V
VGE = 3.8 V, IC = 6 A
1.30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com