Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD18N40LZ Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGD18N40LZ
Description  EAS 180 mJ - 400 V - internally clamped IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD18N40LZ Datasheet(HTML) 5 Page - STMicroelectronics

  STGD18N40LZ Datasheet HTML 1Page - STMicroelectronics STGD18N40LZ Datasheet HTML 2Page - STMicroelectronics STGD18N40LZ Datasheet HTML 3Page - STMicroelectronics STGD18N40LZ Datasheet HTML 4Page - STMicroelectronics STGD18N40LZ Datasheet HTML 5Page - STMicroelectronics STGD18N40LZ Datasheet HTML 6Page - STMicroelectronics STGD18N40LZ Datasheet HTML 7Page - STMicroelectronics STGD18N40LZ Datasheet HTML 8Page - STMicroelectronics STGD18N40LZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STGD18N40LZ - STGB18N40LZ
Electrical characteristics
5/18
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
490
pF
Coes
Output capacitance
90
pF
Cres
Reverse transfer capacitance
6.5
pF
Qg
Gate charge
VCE = 280 V, IC = 10 A,
VGE = 5 V
23
nC
Table 6.
Switching on/off
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Resistive load
Turn-on delay time
Rise time
VCC = 14 V, IC = 10 A
RG = 1 kΩ, VGE = 5 V
1
5.8
µs
µs
td(on)
tr
Resistive load
Turn-on delay time
Rise time
VCC = 14 V, IC = 10 A
RG = 1 kΩ, VGE = 5 V,
TC = 150 °C
1
5.9
µs
µs
td(off)
tf
dv/dt
Inductive load
Turn-off delay time
Fall time
Turn-off voltage slope
VCC = 300 V, L = 1 mH
RG = 1 kΩ, VGE = 5 V
14
6.7
90
µs
µs
V/µs
td(off)
tf
dv/dt
Inductive load
Turn-off delay time
Fall time
Turn-off voltage slope
VCC = 300 V, L = 1 mH
RG = 1 kΩ, VGE = 5 V
TC = 150 °C
15
9.8
80
µs
µs
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com