Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT32 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT32
Description  CMOS White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT32 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT32 Datasheet HTML 2Page - Catalyst Semiconductor CAT32 Datasheet HTML 3Page - Catalyst Semiconductor CAT32 Datasheet HTML 4Page - Catalyst Semiconductor CAT32 Datasheet HTML 5Page - Catalyst Semiconductor CAT32 Datasheet HTML 6Page - Catalyst Semiconductor CAT32 Datasheet HTML 7Page - Catalyst Semiconductor CAT32 Datasheet HTML 8Page - Catalyst Semiconductor CAT32 Datasheet HTML 9Page - Catalyst Semiconductor CAT32 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT32
Doc. No. MD-5001 Rev. AD
6
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
OPERATION
The CAT32 device is a high efficiency, constant
frequency, current regulating boost converter.
The device includes a switch and an internally
compensated loop for the regulation of the LED
current.
Operation can be best understood by examining the
block diagram. The RSET pin is regulated at 100mV
and the current through the external resistor will set
the regulated current in the LEDs (from 5mA to 40mA)
with a multiplication factor of 225.
While maintaining LED current regulation, the CAT32
automatically adjusts the LED pin voltage to be as low
as possible. A low LED pin voltage ensures high
efficiency.
Current through the internal power switch is
continuously monitored cycle-by-cycle. If the current
limit is exceeded, the switch is immediately turned off,
protecting the device, for the remainder of the cycle.
PWM dimming operation can be achieved by
switching the SHDN
¯¯¯¯¯ pin or by pulling the RSET pin
higher than 0.1V.
BLOCK DIAGRAM
Figure 2. CAT32 Block Diagram
Current
Sense
Amp
CAT32
ILED = 225 x IS
ILED
PWM
& Logic
Current
Control
1.2MHz
Oscillator
IS
100mV
RSET
GND
RSET
SW
LED
Over Voltage
Protection
(22V)
225x
VIN
C1
D1
L1
C2
SHDN
6
3
4
2
1
5
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com