Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT32 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT32
Description  CMOS White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT32 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT32 Datasheet HTML 1Page - Catalyst Semiconductor CAT32 Datasheet HTML 2Page - Catalyst Semiconductor CAT32 Datasheet HTML 3Page - Catalyst Semiconductor CAT32 Datasheet HTML 4Page - Catalyst Semiconductor CAT32 Datasheet HTML 5Page - Catalyst Semiconductor CAT32 Datasheet HTML 6Page - Catalyst Semiconductor CAT32 Datasheet HTML 7Page - Catalyst Semiconductor CAT32 Datasheet HTML 8Page - Catalyst Semiconductor CAT32 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CAT32
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-5001 Rev. AD
Characteristics subject to change without notice
CMOS White LED Driver
FEATURES
Low quiescent ground current (0.5mA typical)
Power efficiency over 80%
Compatible pinout with LT1932
Adjustable output current (up to 40mA)
High frequency 1.2MHz operation
Input voltage operation down to 2.0V
Low resistance (0.5Ω) high voltage power switch
Drives up to 4 White LEDs in series
Shutdown current less than 1µA
Load fault protection against open-circuits
Low value external components
Low profile (1mm) TSOT-23 6-lead and TDFN
8-pad (0.8mm) package
APPLICATION
Color LCD and keypad backlighting
Cellular phones
Handheld terminals
Digital cameras
PDAs/Games
Portable MP3 players
For Ordering Information details, see page 14.
DESCRIPTION
The CAT32 is a DC/DC step up converter that delivers
a regulated output current. Operation at a constant
switching frequency of 1.2MHz allows the device to be
used with very small value external inductor and
ceramic capacitors.
The CAT32 is targeted to drive multiple white light-
emitting diodes (LEDs) connected in series and
provides the necessary regulated current to control
the brightness and the color purity. An external
resistor RSET controls the output current level. LED
currents of up to 40mA can be supported over a wide
range of input supply voltages from 2V to 7V, making
the device ideal for battery-powered applications.
A high voltage output stage allows up to 4 White LEDs
to be driven in series. Series drive provides inherent
current matching.
LED dimming can be done by using a DC voltage, a
logic signal, or a pulse width modulation (PWM)
signal. The shutdown input pin allows the device to be
placed in power-down mode with “near zero”
quiescent current.
In addition to overcurrent limiting protection, the
device also includes detection circuitry to ensure
protection against open-circuit load fault conditions.
The device is available in a low profile (1mm max
height) 6-lead TSOT-23 package and in an 8-pad
TDFN (0.8mm max height) package.
TYPICAL APPLICATION CIRCUIT
Figure 1. Li-Ion Driver for Four High-Brightness White LEDs
15mA
4
RSET
1.50kΩ
TSOT-23 Pin Numbers
C1: Taiyo Yuden JMK212BJ475
C2: Taiyo Yuden EMK212BJ105
D1: Zetez ZHCS400
L1: Sumida CLQ4D106R8
(Panasonic ELJEA6R8)
L1
6.8µH
2
3
1
6
5
SW
VIN
SHDN
RSET
D1
C2
1µF
C1
4.7µF
VIN
2.7V
to
4.2V
PWM
DIMMING
CONTROL
CAT32
LED
GND


Similar Part No. - CAT32

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
193Kb / 14P
CMOS White LED Driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32 ONSEMI-CAT32 Datasheet
172Kb / 11P
CMOS White LED Driver
March, 2010 ??Rev. 4
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
CAT3200 CATALYST-CAT3200 Datasheet
867Kb / 28P
Catalyst Semiconductor
More results

Similar Description - CAT32

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
193Kb / 14P
CMOS White LED Driver
logo
ON Semiconductor
CAT32TDI-T3 ONSEMI-CAT32TDI-T3 Datasheet
473Kb / 13P
CMOS White LED Driver
Doc. No. MD-5005 Rev. V
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
CMOS White LED flashlight driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32EKT ONSEMI-CAT32EKT Datasheet
172Kb / 11P
CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
CMOS White LED flashlight driver
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
CMOS White LED flashlight driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
CMOS White LED Driver
April, 2014 ??Rev. 5
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
CMOS White LED Driver
logo
ELM Technology Corporat...
ELM900 ELM-TECH-ELM900 Datasheet
632Kb / 2P
CMOS White LED flashlight driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com