Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT32 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT32
Description  CMOS White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT32 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT32 Datasheet HTML 5Page - Catalyst Semiconductor CAT32 Datasheet HTML 6Page - Catalyst Semiconductor CAT32 Datasheet HTML 7Page - Catalyst Semiconductor CAT32 Datasheet HTML 8Page - Catalyst Semiconductor CAT32 Datasheet HTML 9Page - Catalyst Semiconductor CAT32 Datasheet HTML 10Page - Catalyst Semiconductor CAT32 Datasheet HTML 11Page - Catalyst Semiconductor CAT32 Datasheet HTML 12Page - Catalyst Semiconductor CAT32 Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CAT32
© Catalyst Semiconductor, Inc.
9
Doc. No. MD-5001 Rev. AD
Characteristics subject to change without notice
LED DIMMING WITH A LOGIC SIGNAL
For applications that need to adjust the LED
brightness in discrete steps, a logic signal can be
used. RMIN sets the minimum LED current value
(when the NMOS is OFF):
RINCR determines how much LED current increases
when the external NMOS switch is turned ON.
LED DIMMING WITH A DC VOLTAGE
PCB Layout Guidelines
The CAT32 is a high-frequency switching regulator
and therefore proper PCB board layout and
component placement can minimize noise and
radiation and increase efficiency. To maximize
efficiency, the CAT32 design has fast switch rise and
fall times. To prevent radiation and high frequency
resonance problems minimize the length and area of
all traces connected to the SW pin and use a ground
plane under the switching regulator.
The switch, schottky output diode and output
capacitor signal path should be kept as short as
possible. The ground connection for the RSET resistor
should be tied directly to the GND pin and not be
shared with other components.
)
MIN
(
LED
MIN
I
V
1
.
0
×
255
=
R
)
Increase
(
LED
INCR
I
V
1
.
0
×
255
=
R
I
–
I
V
1
.
0
–
V
×
225
=
R
)
MIN
(
LEAD
)
MAX
(
LED
MAX
ADJ
CAT32
SHDN
5
PWM
CAT32
RSET
4
PWM
RPWM
RSET
CAT32
RSET
VDC
4
RSET
RADJ
RPWM
CAT32
RSET
PWM
10kΩ
0.1µF
4
RSET
RMIN
CAT32
RSET
RINCR
Logic
Signal
4
Figure 3. LED Dimming Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com