Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4002 Datasheet(PDF) 20 Page - Analog Devices

Part # AD4002
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4002 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD4002 Datasheet HTML 16Page - Analog Devices AD4002 Datasheet HTML 17Page - Analog Devices AD4002 Datasheet HTML 18Page - Analog Devices AD4002 Datasheet HTML 19Page - Analog Devices AD4002 Datasheet HTML 20Page - Analog Devices AD4002 Datasheet HTML 21Page - Analog Devices AD4002 Datasheet HTML 22Page - Analog Devices AD4002 Datasheet HTML 23Page - Analog Devices AD4002 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
AD4002/AD4006/AD4010
Data Sheet
Rev. A | Page 20 of 39
APPLICATIONS INFORMATION
TYPICAL APPLICATION DIAGRAMS
Figure 39 shows an example of the recommended connection
diagram for the AD4002/AD4006/AD4010 when multiple
supplies, V+ and V−, are available. This configuration is used
for optimal performance because the amplifier supplies can be
selected to allow the maximum signal range (see Figure 39 for
the range).
Figure 40 shows a typical application diagram when using a
single-supply system. This setup is preferable when only a
limited number of rails are available in the system and power
dissipation is of critical importance.
C
R
V+
REF
VDD
VIO
GND
IN+
IN–
SDI
SCK
SDO
CNV
AD4002/
AD4006/
AD40102
3-WIRE/4-WIRE
INTERFACE
1.8V
1.8V TO 5V
V+≥+6.5V
DIGITAL HOST
(MICROPROCESSOR/
FPGA)
V– ≤ –0.5V
HOST
SUPPLY
100nF
100nF
5V
V–
AMP
VREF
0V
VCM = VREF/2
REF1
LDO
AMP
VCM = VREF/2
10µF
10kΩ
10kΩ
Figure 39. Typical Application Diagram with Multiple Supplies
C
R
REF
VDD
VIO
GND
IN+
IN–
SDI
SCK
SDO
CNV
AD4002/
AD4006/
AD40102
1.8V
1.8V TO 5V
V+= 5V
DIGITAL HOST
(MICROPROCESSOR/
FPGA)
HOST
SUPPLY
100nF
100nF
4.096V
AMP
0.9 × VREF
0.1 × VREF
VCM = VREF/2
REF1
LDO
AMP
VCM = VREF/2
10µF1
10kΩ
10kΩ
3-WIRE/4-WIRE
INTERFACE
3
1SEE THE VOLTAGE REFERENCE INPUT SECTION FOR REFERENCE SELECTION. CREF IS USUALLY A 10µF CERAMIC CAPACITOR (X7R).
2SPAN COMPRESSION MODE ENABLED.
3SEE TABLE 10 FOR RC FILTER AND AMPLIFIER SELECTION.
Figure 40. Typical Application Diagram with a Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com