Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF05VAM2STR Datasheet(PDF) 9 Page - Rohm

Part # RF05VAM2STR
Description  AC/DC Convertor Isolated PWM type, 12 W (12 V/1.0 A)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF05VAM2STR Datasheet(HTML) 9 Page - Rohm

Back Button RF05VAM2STR Datasheet HTML 5Page - Rohm RF05VAM2STR Datasheet HTML 6Page - Rohm RF05VAM2STR Datasheet HTML 7Page - Rohm RF05VAM2STR Datasheet HTML 8Page - Rohm RF05VAM2STR Datasheet HTML 9Page - Rohm RF05VAM2STR Datasheet HTML 10Page - Rohm RF05VAM2STR Datasheet HTML 11Page - Rohm RF05VAM2STR Datasheet HTML 12Page - Rohm RF05VAM2STR Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
7 / 14
User’s Guide
BM2P134E-EVK-001
© 2021 ROHM Co., Ltd.
No. 63UG097E Rev.001
Feb.2021
1
2
3
4
5
6
7
TOP VIEW
BM2P134E Overview
Features
■ PWM frequency of 130 kHz
■ PWM Current mode method
■ Built-in Frequency Hopping Function
■ Burst Operation at Light Load
■ Frequency Reduction Function
■ Built-in 650 V Starter Circuit
■ Built-in 650 V Super Junction MOSFET
■ VCC Pin Under Voltage Protection
■ VCC Pin Over Voltage Protection
■ Over Current Limiter Function per Cycle
■ Over Current Limiter with AC Voltage Correction
■ Soft Start Function
■ Brown IN/OUT Function
■ ZT Pin OVP Function
Key Specifications
◼
Operating Power Supply Voltage Range:
VCC:
8.90 V to 26.00 V
DRAIN:
650 V(Max)
◼
Operating Current(Normal):
1.00 mA(Typ)
◼
Operating Current(Burst):
0.30 mA(Typ)
◼
Switching Frequency:
130 kHz(Typ)
◼
MOSFET ON Resistance:
-
40 °C to +105 °C
◼
MOSFET ON Resistance:
3.0 Ω(Typ)
package :
W(Typ) x D(Typ) x H(Max)
DIP7AK
9.27 mm x 6.35 mm x 8.63 mm
Pitch 2.54 mm
Table 5. BM2P134E pin description
No
Pin
Name
I/O
Function
1
SOURCE
I/O
MOSFET SOURCE pin
2
BR
I
AC voltage detect pin
3
GND
I/O
GND pin
4
FB
I
Feedback signal input pin
5
ZT
I
Auxiliary winding Input pin
6
VCC
I
Power supply Input pin
7
DRAIN
I/O
MOSFET DRAIN pin
Figure 8. IC Pin Diagram
Figure 9. Package Image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com