Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF05VAM2STR Datasheet(PDF) 2 Page - Rohm

Part # RF05VAM2STR
Description  AC/DC Convertor Isolated PWM type, 12 W (12 V/1.0 A)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF05VAM2STR Datasheet(HTML) 2 Page - Rohm

  RF05VAM2STR Datasheet HTML 1Page - Rohm RF05VAM2STR Datasheet HTML 2Page - Rohm RF05VAM2STR Datasheet HTML 3Page - Rohm RF05VAM2STR Datasheet HTML 4Page - Rohm RF05VAM2STR Datasheet HTML 5Page - Rohm RF05VAM2STR Datasheet HTML 6Page - Rohm RF05VAM2STR Datasheet HTML 7Page - Rohm RF05VAM2STR Datasheet HTML 8Page - Rohm RF05VAM2STR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Notice
www.rohm.com
HVB01E
© 2018 ROHM Co., Ltd. All rights reserved.
<High Voltage Safety Precautions>
◇ Read all safety precautions before use
Please note that this document covers only the BM2P134E-Z evaluation board
(BM2P134E-EVK-001) and its functions. For additional information, please refer to the
datasheet.
To ensure safe operation, please carefully read all precautions before
handling the evaluation board
Depending on the configuration of the board and voltages used,
Potentially lethal voltages may be generated.
Therefore, please make sure to read and observe all safety precautions described in
the red box below.
Before Use
[1]
Verify that the parts/components are not damaged or missing (i.e. due to the drops).
[2]
Check that there are no conductive foreign objects on the board.
[3]
Be careful when performing soldering on the module and/or evaluation board to ensure that solder
splash does not occur.
[4]
Check that there is no condensation or water droplets on the circuit board.
During Use
[5]
Be careful to not allow conductive objects to come into contact with the board.
[6]
Brief accidental contact or even bringing your hand close to the board may result in
discharge and lead to severe injury or death.
Therefore, DO NOT touch the board with your bare hands or bring them too close to the board.
In addition, as mentioned above please exercise extreme caution when using conductive tools such as
tweezers and screwdrivers.
[7]
If used under conditions beyond its rated voltage, it may cause defects such as short-circuit or,
depending on the circumstances, explosion or other permanent damages.
[8]
Be sure to wear insulated gloves when handling is required during operation.
After Use
[9] The ROHM Evaluation Board contains the circuits which store the high voltage. Since it stores the
charges even after the connected power circuits are cut, please discharge the electricity after using
it, and please deal with it after confirming such electric discharge.
[10] Protect against electric shocks by wearing insulated gloves when handling.
This evaluation board is intended for use only in research and development facilities and
should by handled only by qualified personnel familiar with all safety and operating
procedures.
We recommend carrying out operation in a safe environment that includes the use of high
voltage signage at all entrances, safety interlocks, and protective glasses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com