Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF05VAM2STR Datasheet(PDF) 14 Page - Rohm

Part # RF05VAM2STR
Description  AC/DC Convertor Isolated PWM type, 12 W (12 V/1.0 A)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF05VAM2STR Datasheet(HTML) 14 Page - Rohm

Back Button RF05VAM2STR Datasheet HTML 9Page - Rohm RF05VAM2STR Datasheet HTML 10Page - Rohm RF05VAM2STR Datasheet HTML 11Page - Rohm RF05VAM2STR Datasheet HTML 12Page - Rohm RF05VAM2STR Datasheet HTML 13Page - Rohm RF05VAM2STR Datasheet HTML 14Page - Rohm RF05VAM2STR Datasheet HTML 15Page - Rohm RF05VAM2STR Datasheet HTML 16Page - Rohm RF05VAM2STR Datasheet HTML 17Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
12 / 14
User’s Guide
BM2P134E-EVK-001
© 2021 ROHM Co., Ltd.
No. 63UG097E Rev.001
Feb.2021
Measurement DATA - Continued
Dynamic Response
Time 5 ms
CH1 Output Voltage 200 mV/div
CH2 Output Current 500 mA/div
Figure 30. Iout and Vout
VIN=90 Vac, IOUT=0 -> 1.0 A
Time 50 ms
CH1 Output Voltage 200 mV/div
CH2 Output Current 500 mA/div
Figure 31. Iout and Vout
VIN=90 Vac, IOUT=1.0 -> 0 A
Time 5 ms
CH1 Output Voltage 200 mV/div
CH2 Output Current 500 mA/div
Figure 32. Iout and Vout
VIN=264 Vac, IOUT=0 -> 1.0 A
Time 50 ms
CH1 Output Voltage 200 mV/div
CH2 Output Current 500 mA/div
Figure 33. Iout and Vout
VIN=264 Vac, IOUT=1.0 -> 0 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com