Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9511BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9511BCPZ
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511BCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD9511BCPZ Datasheet HTML 1Page - Analog Devices AD9511BCPZ Datasheet HTML 2Page - Analog Devices AD9511BCPZ Datasheet HTML 3Page - Analog Devices AD9511BCPZ Datasheet HTML 4Page - Analog Devices AD9511BCPZ Datasheet HTML 5Page - Analog Devices AD9511BCPZ Datasheet HTML 6Page - Analog Devices AD9511BCPZ Datasheet HTML 7Page - Analog Devices AD9511BCPZ Datasheet HTML 8Page - Analog Devices AD9511BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
AD9511
Rev. B | Page 4 of 60
SPECIFICATIONS
Typical (typ) is given for VS = 3.3 V ± 5%; VS ≤ VCPS ≤ 5.5 V, TA = 25°C, RSET = 4.12 kΩ, CPRSET = 5.1 kΩ, unless otherwise noted.
Minimum (min) and maximum (max) values are given over full VS and TA (−40°C to +85°C) variation.
PLL CHARACTERISTICS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE INPUTS (REFIN)
Input Frequency
0
250
MHz
Input Sensitivity
150
mV p-p
Self-Bias Voltage, REFIN
1.45
1.60
1.75
V
Self-bias voltage of REFIN1.
Self-Bias Voltage, REFINB
1.40
1.50
1.60
V
Self-bias voltage of REFINB1.
Input Resistance, REFIN
4.0
4.9
5.8
kΩ
Self-biased1.
Input Resistance, REFINB
4.5
5.4
6.3
kΩ
Self-biased1.
Input Capacitance
2
pF
PHASE/FREQUENCY DETECTOR (PFD)
PFD Input Frequency
100
MHz
Antibacklash pulse width 0Dh<1:0> = 00b.
PFD Input Frequency
100
MHz
Antibacklash pulse width 0Dh<1:0> = 01b.
PFD Input Frequency
45
MHz
Antibacklash pulse width 0Dh<1:0> = 10b.
Antibacklash Pulse Width
1.3
ns
0Dh<1:0> = 00b. (This is the default setting.)
Antibacklash Pulse Width
2.9
ns
0Dh<1:0> = 01b.
Antibacklash Pulse Width
6.0
ns
0Dh<1:0> = 10b.
CHARGE PUMP (CP)
ICP Sink/Source
Programmable.
High Value
4.8
mA
With CPRSET = 5.1 kΩ.
Low Value
0.60
mA
Absolute Accuracy
2.5
%
VCP = VCPS/2.
CPRSET Range
2.7/10
kΩ
ICP Three-State Leakage
1
nA
Sink-and-Source Current Matching
2
%
0.5 < VCP < VCPS − 0.5 V.
ICP vs. VCP
1.5
%
0.5 < VCP < VCPS − 0.5 V.
ICP vs. Temperature
2
%
VCP = VCPS/2 V.
RF CHARACTERISTICS (CLK2)2
Input Frequency
1.6
GHz
Frequencies > 1200 MHz (LVPECL) or
800 MHz (LVDS) require a minimum
divide-by-2 (see the Distribution Section).
Input Sensitivity
150
mV p-p
Input Common-Mode Voltage, VCM
1.5
1.6
1.7
V
Self-biased; enables ac coupling.
Input Common-Mode Range, VCMR
1.3
1.8
V
With 200 mV p-p signal applied.
Input Sensitivity, Single-Ended
150
mV p-p
CLK2 ac-coupled; CLK2B capacitively
bypassed to RF ground.
Input Resistance
4.0
4.8
5.6
kΩ
Self-biased.
Input Capacitance
2
pF
CLK2 VS. REFIN DELAY
500
ps
Difference at PFD.
PRESCALER (PART OF N DIVIDER)
See the VCO/VCXO Feedback Divider—N (P, A, B)
section.
Prescaler Input Frequency
P = 2 DM (2/3)
600
MHz
P = 4 DM (4/5)
1000
MHz
P = 8 DM (8/9)
1600
MHz
P = 16 DM (16/17)
1600
MHz
P = 32 DM (32/33)
1600
MHz
CLK2 Input Frequency for PLL
300
MHz
A, B counter input frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com