Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9511BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9511BCPZ
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9511BCPZ Datasheet HTML 3Page - Analog Devices AD9511BCPZ Datasheet HTML 4Page - Analog Devices AD9511BCPZ Datasheet HTML 5Page - Analog Devices AD9511BCPZ Datasheet HTML 6Page - Analog Devices AD9511BCPZ Datasheet HTML 7Page - Analog Devices AD9511BCPZ Datasheet HTML 8Page - Analog Devices AD9511BCPZ Datasheet HTML 9Page - Analog Devices AD9511BCPZ Datasheet HTML 10Page - Analog Devices AD9511BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
AD9511
Rev. B | Page 7 of 60
TIMING CHARACTERISTICS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL
Termination = 50 Ω to VS − 2 V
Output level 3Dh (3Eh) (3Fh)<3:2> = 10b
Output Rise Time, tRP
130
180
ps
20% to 80%, measured differentially
Output Fall Time, tFP
130
180
ps
80% to 20%, measured differentially
PROPAGATION DELAY, tPECL, CLK-TO-LVPECL OUT1
Divide = Bypass
335
490
635
ps
Divide = 2 − 32
375
545
695
ps
Variation with Temperature
0.5
ps/°C
OUTPUT SKEW, LVPECL OUTPUTS
OUT1 to OUT0 on Same Part, tSKP2
70
100
140
ps
OUT1 to OUT2 on Same Part, tSKP2
15
45
80
ps
OUT0 to OUT2 on Same Part, tSKP2
45
65
90
Ps
All LVPECL OUT Across Multiple Parts, tSKP_AB3
275
ps
Same LVPECL OUT Across Multiple Parts, tSKP_AB3
130
ps
LVDS
Termination = 100 Ω differential
Output level 40h (41h) <2:1> = 01b
3.5 mA termination current
Output Rise Time, tRL
200
350
ps
20% to 80%, measured differentially
Output Fall Time, tFL
210
350
ps
80% to 20%, measured differentially
PROPAGATION DELAY, tLVDS, CLK-TO-LVDS OUT1
Delay off on OUT4
OUT3 to OUT4
Divide = Bypass
0.99
1.33
1.59
ns
Divide = 2 − 32
1.04
1.38
1.64
ns
Variation with Temperature
0.9
ps/°C
OUTPUT SKEW, LVDS OUTPUTS
Delay off on OUT4
OUT3 to OUT4 on Same Part, tSKV2
−85
+270
ps
All LVDS OUTs Across Multiple Parts, tSKV_AB3
450
ps
Same LVDS OUT Across Multiple Parts, tSKV_AB3
325
ps
CMOS
B outputs are inverted; termination = open
Output Rise Time, tRC
681
865
ps
20% to 80%; CLOAD = 3 pF
Output Fall Time, tFC
646
992
ps
80% to 20%; CLOAD = 3 pF
PROPAGATION DELAY, tCMOS, CLK-TO-CMOS OUT1
Delay off on OUT4
Divide = Bypass
1.02
1.39
1.71
ns
Divide = 2 − 32
1.07
1.44
1.76
ns
Variation with Temperature
1
ps/°C
OUTPUT SKEW, CMOS OUTPUTS
Delay off on OUT4
OUT3 to OUT4 on Same Part, tSKC2
−140
+145
+300
All CMOS OUT Across Multiple Parts, tSKC_AB3
650
ps
Same CMOS OUT Across Multiple Parts, tSKC_AB3
500
ps
LVPECL-TO-LVDS OUT
Everything the same; different logic type
Output Skew, tSKP_V
0.74
0.92
1.14
ns
LVPECL to LVDS on same part
LVPECL-TO-CMOS OUT
Everything the same; different logic type
Output Skew, tSKP_C
0.88
1.14
1.43
ns
LVPECL to CMOS on same part
LVDS-TO-CMOS OUT
Everything the same; different logic type
Output Skew, tSKV_C
158
353
506
ps
LVDS to CMOS on same part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com