Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9511BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9511BCPZ
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD9511BCPZ Datasheet HTML 1Page - Analog Devices AD9511BCPZ Datasheet HTML 2Page - Analog Devices AD9511BCPZ Datasheet HTML 3Page - Analog Devices AD9511BCPZ Datasheet HTML 4Page - Analog Devices AD9511BCPZ Datasheet HTML 5Page - Analog Devices AD9511BCPZ Datasheet HTML 6Page - Analog Devices AD9511BCPZ Datasheet HTML 7Page - Analog Devices AD9511BCPZ Datasheet HTML 8Page - Analog Devices AD9511BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
1.2 GHz Clock Distribution IC, PLL Core,
Dividers, Delay Adjust, Five Outputs
AD9511
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113©2005–2020 Analog Devices, Inc. All rights reserved.
FEATURES
Low phase noise phase-locked loop core
Reference input frequencies to 250 MHz
Programmable dual-modulus prescaler
Programmable charge pump (CP) current
Separate CP supply (VCPS) extends tuning range
Two 1.6 GHz, differential clock inputs
5 programmable dividers, 1 to 32, all integers
Phase select for output-to-output coarse delay adjust
3 independent 1.2 GHz LVPECL outputs
Additive output jitter 225 fs rms
2 independent 800 MHz/250 MHz LVDS/CMOS clock outputs
Additive output jitter 275 fs rms
Fine delay adjust on 1 LVDS/CMOS output
Serial control port
Space-saving 48-lead LFCSP
APPLICATIONS
Low jitter, low phase noise clock distribution
Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs
High performance wireless transceivers
High performance instrumentation
Broadband infrastructure
FUNCTIONAL BLOCK DIAGRAM
R DIVIDER
N DIVIDER
PHASE
FREQUENCY
DETECTOR
CHARGE
PUMP
PLL
SETTINGS
CLK2
STATUS
CLK2B
PROGRAMMABLE
DIVIDERS AND
PHASE ADJUST
OUT0
OUT0B
LVPECL
/1, /2, /3... /31, /32
OUT1
OUT1B
LVPECL
/1, /2, /3... /31, /32
OUT2
OUT2B
LVPECL
/1, /2, /3... /31, /32
OUT3
OUT3B
LVDS/CMOS
/1, /2, /3... /31, /32
OUT4
OUT4B
LVDS/CMOS
/1, /2, /3... /31, /32
DELAY
ADJUST
T
CLK1
CLK1B
REFIN
REFINB
FUNCTION
SCLK
SDIO
SDO
CSB
SERIAL
CONTROL
PORT
CP
CPRSET
DISTRIBUTION
REF
SYNCB,
RESETB
PDB
RSET
AD9511
GND
VS
VCP
PLL
REF
Figure 1.
GENERAL DESCRIPTION
The AD9511 provides a multi-output clock distribution
function along with an on-chip PLL core. The design
emphasizes low jitter and phase noise to maximize data
converter performance. Other applications with demanding
phase noise and jitter requirements also benefit from this part.
The PLL section consists of a programmable reference divider
(R); a low noise phase frequency detector (PFD); a precision
charge pump (CP); and a programmable feedback divider (N).
By connecting an external VCXO or VCO to the CLK2/CLK2B
pins, frequencies up to 1.6 GHz may be synchronized to the
input reference.
There are five independent clock outputs. Three outputs are
LVPECL (1.2 GHz), and two are selectable as either LVDS
(800 MHz) or CMOS (250 MHz) levels.
Each output has a programmable divider that may be bypassed
or set to divide by any integer up to 32. The phase of one clock
output relative to another clock output may be varied by means
of a divider phase select function that serves as a coarse timing
adjustment. One of the LVDS/CMOS outputs features a
programmable delay element with full-scale ranges up to 10 ns
of delay. This fine tuning delay block has 5-bit resolution,
giving 32 possible delays from which to choose for each full-
scale setting.
The AD9511 is ideally suited for data converter clocking
applications where maximum converter performance is
achieved by encode signals with subpicosecond jitter.
The AD9511 is available in a 48-lead LFCSP and can be
operated from a single 3.3 V supply. An external VCO, which
requires an extended voltage range, can be accommodated by
connecting the charge pump supply (VCP) to 5.5 V. The
temperature range is −40°C to +85°C.


Similar Part No. - AD9511BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9511BCPZ AD-AD9511BCPZ Datasheet
1Mb / 60P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
6/05-Rev. 0 to Rev. A
AD9511BCPZ-REEL AD-AD9511BCPZ-REEL Datasheet
1Mb / 60P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
6/05-Rev. 0 to Rev. A
More results

Similar Description - AD9511BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9512 AD-AD9512 Datasheet
125Kb / 2P
800 MHz Clock Distribution IC,1.5 GHz Inputs, Dividers, Delay Adjust, Five Outputs
AD9511 AD-AD9511 Datasheet
1Mb / 60P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
6/05-Rev. 0 to Rev. A
AD9510 AD-AD9510 Datasheet
597Kb / 60P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
5/05-Rev. 0 to Rev. A
AD9514 AD-AD9514 Datasheet
633Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
7/05-Revision 0
AD9515 AD-AD9515 Datasheet
656Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
7/05-Revision 0
AD9512-EP AD-AD9512-EP Datasheet
326Kb / 20P
1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Five Outputs
REV. 0
AD9512BCPZ AD-AD9512BCPZ Datasheet
967Kb / 48P
1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
REV. A
AD9510 AD-AD9510_15 Datasheet
886Kb / 56P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
REV. B
AD9511 AD-AD9511_15 Datasheet
1Mb / 60P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
REV. A
AD9510 AD-AD9510_16 Datasheet
1Mb / 56P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
9/2016-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com