Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F5T8YCGPUL Datasheet(PDF) 2 Page - Saia-Burgess

Part # F5T8YCGPUL
Description  Snap-action Microswitches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAIA-BURGESS [Saia-Burgess]
Direct Link  
Logo SAIA-BURGESS - Saia-Burgess

F5T8YCGPUL Datasheet(HTML) 2 Page - Saia-Burgess

  F5T8YCGPUL Datasheet HTML 1Page - Saia-Burgess F5T8YCGPUL Datasheet HTML 2Page - Saia-Burgess F5T8YCGPUL Datasheet HTML 3Page - Saia-Burgess F5T8YCGPUL Datasheet HTML 4Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.saia-burgess.com
saia-burgess Switches
28 | 29
Specifications
Housing
Glass fibre reinforced nylon
Plunger
Nylon
Mechanism
Snap-action, single pole
Functions
Change-over, Normally open, Normally closed
Contacts
Fixed, Moving – Silver or Gold plate on silver
Terminals
2.0 mm (0.08 in) faston and solder - brass, gold flashed
Temperature range ºC
-40°C to +85°C
Mechanical life
10
7 cycles minimum (impact free actuation)
Protection
IP 40 (enclosure)
Mounting
Side mounting
Actuators
Plain lever; simulated roller (cam follower) lever
Accessories
Lug mounting frame, insulating sheet, spring-leaf actuator
Circuit diagram
Dimensions
F4
1
4
2
COMMON
OPEN
NORMALLY
CLOSED
NORMALLY
Recommended maximum electrical ratings
Voltage
Load
Approval
(max)
(A)
250 VAC
5 (0.75 pf)
UL 1054/CSA 22.2 No. 55 - 6,000 operations
125 VAC
5 (0.75 pf)
UL 1054/CSA 22.2 No. 55 - 6,000 operations
0 - 15 VDC
5
General rating - 50,000 operations
15 - 30 VDC
3
General rating - 50,000 operations
F4 switches are available with either silver or gold-plated silver contacts.
Switches with gold-plated contacts are intended for use in circuits where switching is at milliwatt levels.
In this case, the power being switched must be limited to avoid the erosion of gold plate from the contact area.
However, as the underlying contacts are silver, the same power ratings apply.
Mounting holes
F4T6
F4T7
Mounting holes
40621_Inhalt_028
14.10.2004
7:54 Uhr
Seite 28



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com