Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F5T8YCGPUL Datasheet(PDF) 3 Page - Saia-Burgess

Part # F5T8YCGPUL
Description  Snap-action Microswitches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAIA-BURGESS [Saia-Burgess]
Direct Link  
Logo SAIA-BURGESS - Saia-Burgess

F5T8YCGPUL Datasheet(HTML) 3 Page - Saia-Burgess

  F5T8YCGPUL Datasheet HTML 1Page - Saia-Burgess F5T8YCGPUL Datasheet HTML 2Page - Saia-Burgess F5T8YCGPUL Datasheet HTML 3Page - Saia-Burgess F5T8YCGPUL Datasheet HTML 4Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.saia-burgess.com
saia-burgess Switches
28 |
29
F4
Operating Characteristics
Actuating
Release
Free
Operating
Movement
Over
Actuator
Reference
Force
Force
Position
Position
Differential
travel
Maximum
Minimum
Maximum
Maximum
(N)
(ozf)
(N)
(ozf)
(mm)
(in)
(mm)
(in)
(mm)
(in)
Plunger
F4T6
1,4
5,00
0,25
0,90
8,8
0,35
8,1
+0.3
0,32
+0.01
0,13
0,005
*
F4T7
–0.2
–0.008
Y1-Lever
F4T6Y1
0,6
2,20
0,07
0,25
10,0
0,39
8,2
+1.0
0,32
+0.04
0,70
0,030
*
F4T7Y1
–0.7
–0.03
Width of lever 3.0 mm/0.12 in
YC-Lever
F4T6YC
0,7
2,50
0,09
0,32
11,7
0,46
10,3
+0.8
0,41
+0.03
0,45
0,020
*
F4T7YC
–0.55
–0.02
Width of lever 3.0 mm/0.12 in
Operating characteristics are specified from the mounting holes.
* Plunger can be depressed flush with housing. The housing should not be used as an end stop.
F4
Terminals
T6
Faston
2,03
i 0,5 i 6,6 long
T7
Solder
3,50
i 0,5 i 3,6 long
T8
PCB
0,8
i 0,5 i 4,0 long
Circuit
No symbol
Change over
C2
Normally closed
C4
Normally open
Actuators
No symbol
Without lever
Y1
Plain lever 21,0 mm
YC
Cam follower lever 16,9 mm
Contacts
No symbol
Fine silver
GP
Gold plate on silver (GP)
Approvals
No symbol
Without approval
UL
UL and CSA approval
Ordering Reference
Burgess
[0.06]
1.6
[0.13]
3.4
Burgess
[0.83]
[0.3]
21.0
7.5
R2.4
Burgess
[0.09]
[0.3]
7.5
16.9
[0.67]
40621_Inhalt_029
14.10.2004
7:54 Uhr
Seite 29



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com