Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F5T8YCGPUL Datasheet(PDF) 4 Page - Saia-Burgess

Part # F5T8YCGPUL
Description  Snap-action Microswitches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAIA-BURGESS [Saia-Burgess]
Direct Link  
Logo SAIA-BURGESS - Saia-Burgess

F5T8YCGPUL Datasheet(HTML) 4 Page - Saia-Burgess

  F5T8YCGPUL Datasheet HTML 1Page - Saia-Burgess F5T8YCGPUL Datasheet HTML 2Page - Saia-Burgess F5T8YCGPUL Datasheet HTML 3Page - Saia-Burgess F5T8YCGPUL Datasheet HTML 4Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.saia-burgess.com
saia-burgess Switches
30 | 31
F5
Snap-action Microswitches
Ultraminiature
F5
Characteristics
High electrical rating from a very small switch
Long mechanical and electrical life
PCB terminals
Gold-plated contact option
UL and CSA approved
Rating
Up to 250 VAC, 5 A
Dimensions (mm)
12.8
i 7.25 i 5
Actuator
Plunger, plain lever, simulated roller (cam follower) lever
Approvals
UL and CSA
Preferred Range
Ordering Reference Actuating Force
Sealing
Operating pos.
Terminal
Circuit
Actuator
Contacts
Electrical rating
(N)
(ozf)
(mm)
(in)
F5T8UL 1.4
5.00
IP40
8.75
0.34
PCB
CO
Plunger
Silver
Up to 250 VAC, 5 A
F5T8GPUL 1.4
5.00
IP40
8.75
0.34
PCB
CO
Plunger
Gold plate
Up to 250 VAC, 5 A
F5T8Y1UL 0.6
2.20
IP40
8.80
0.35
PCB
CO
Plain lever
Silver
Up to 250 VAC, 5 A
F5T8Y1GPUL 0.6
2.20
IP40
8.80
0.35
PCB
CO
Plain lever
Gold plate
Up to 250 VAC, 5 A
F5T8YCUL 0.7
2.50
IP40
10.90
0.43
PCB
CO
Simulated roller
Silver
Up to 250 VAC, 5 A
F5T8YCGPUL 0.7
2.50
IP40
10.90
0.43
PCB
CO
Simulated roller
Gold plate
Up to 250 VAC, 5 A
40621_Inhalt_030
14.10.2004
7:55 Uhr
Seite 30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com