Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBT14XH.M2P Datasheet(PDF) 2 Page - HellermannTyton.

Part # MBT14XH.M2P
Description  Cable Ties with Ball-Lock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

MBT14XH.M2P Datasheet(HTML) 2 Page - HellermannTyton.

  MBT14XH.M2P Datasheet HTML 1Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 2Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 3Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 4Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 5Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 6Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 7Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1.5
87
Further information at www.HellermannTyton.com/fixings
Cable Ties and Fixings
Cable Ties, Stainless Steel
Metal ties are predestinated for all areas with requirements for high
holding force, reliability and fire resistance. The MBT range of stainless
steel cable ties can be used in chemical industry and on oil platform
as well as in mass transit, shipbuilding and mining industry. MBT ties
are also suitable for machine building, apparatus construction and in
the outside area of radio technology. Additionally MBT ties are a good
solution to fix lighting in theatres and exhibition halls.
Features and Benefits
• MBT cable ties made from stainless steel 316
• Patented non-releasable locking feature
• Corrosion resistant
• Weather resistant
• Outstanding chemical resistance
• Antimagnetic
• High temperature resistant
• Non-burning
Cable Ties with Ball-Lock
Stainless Steel Cable Ties, uncoated, MBT_S, MBT_H.
MBT-Series, Stainless Steel 316
MBT-Series 4.6 mm and 7.9 mm width
L
W
TYPE
Width
(W)
Length
(L)
Bundle Ø
min.
Bundle Ø
max.
Material
Pack
Cont.
Tools
E-number
Article-No.
MBT5S
4.6
127.0
12.0
25.0
900
SS316
100 pcs.
15-18
00 000 00
111-93059
MBT8S
4.6
201.0
12.0
50.0
900
SS316
100 pcs.
15-18
00 000 00
111-93089
MBT14S
4.6
362.0
12.0
102.0
900
SS316
100 pcs.
15-18
00 000 00
111-93149
MBT20S
4.6
521.0
12.0
152.0
900
SS316
100 pcs.
15-18
00 000 00
111-93209
MBT27S
4.6
685.0
12.0
203.0
900
SS316
100 pcs.
15-18
00 000 00
111-93279
MBT33S
4.6
838.0
12.0
254.0
900
SS316
100 pcs.
15-18
00 000 00
111-93339
MBT8H
7.9
201.0
12.0
50.0
2,000
SS316
50 pcs.
15-18
00 000 00
111-94089
MBT14H
7.9
362.0
12.0
102.0
2,000
SS316
50 pcs.
15-18
00 000 00
111-94149
MBT20H
7.9
521.0
12.0
152.0
2,000
SS316
50 pcs.
15-18
00 000 00
111-94209
MBT27H
7.9
685.0
12.0
203.0
2,000
SS316
50 pcs.
15-18
00 000 00
111-94279
MBT33H
7.9
838.0
12.0
254.0
2,000
SS316
50 pcs.
15-18
00 000 00
111-94339
All dimensions in mm. Subject to technical changes.
Minimum Order Quantity (MOQ) may differ from package content. Other packaging options may also be available.
For product specific approvals and specifications please refer to the Appendix.
Recommended Tools
15
16
17
18
MK9SST
MK9PSST
HDT16
KST-STG200
559
559
560
560
For more information on toolings please refer to the Application Tooling chapter.
Patented
The MBT-Series (up to 7.9 mm) can be
used in combination with the stainless
steel P-Mount. The mount is simple to install
with a screw or bolt and ensures a durable
fixing solution. Please see page 149.
Material specification
please see page 26.
Supports quality processes
around the production of food
stuffs, such as e.g. HACCP.*
*HACCP stands for Hazard Analysis Critical Control Points. It is a method of identifying and eliminating potential
hazards in food production. Those hazards that cannot be eliminated are controlled in such a way that the consumer
is protected. These controls are known as Critical Control Points (CCPs). They are CRITICAL because if they fail or are
not carried out, the risk of the product harming the customer increases.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com