Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBT14XH.M2P Datasheet(PDF) 3 Page - HellermannTyton.

Part # MBT14XH.M2P
Description  Cable Ties with Ball-Lock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

MBT14XH.M2P Datasheet(HTML) 3 Page - HellermannTyton.

  MBT14XH.M2P Datasheet HTML 1Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 2Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 3Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 4Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 5Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 6Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 7Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1.5
88
Further information at www.HellermannTyton.com/fixings
Cable Ties and Fixings
Cable Ties, Stainless Steel
Cable Ties with Ball-Lock
MBT-Series, Stainless Steel 316
MBT-Series 12.3 mm width
L
W
For product specific approvals and specifications please refer to the Appendix.
Recommended Tools
15
16
17
18
MK9SST
MK9PSST
HDT16
KST-STG200
559
559
560
560
For more information on toolings please refer to the Application Tooling chapter.
TYPE
Width
(W)
Length
(L)
Bundle Ø
min.
Bundle Ø
max.
Material
Pack
Cont.
Tools
E-number
Article-No.
MBT14XH
12.3
362.0
12.0
102.0
2,700
SS316
50 pcs.
15-18
00 000 00
111-95149
MBT20XH
12.3
521.0
12.0
152.0
2,700
SS316
50 pcs.
15-18
00 000 00
111-95209
MBT27XH
12.3
681.0
12.0
203.0
2,700
SS316
50 pcs.
15-18
00 000 00
111-95279
MBT33XH
12.3
838.0
12.0
254.0
2,700
SS316
50 pcs.
15-18
00 000 00
111-95339
MBT14UH
16.0
362.0
12.0
102.0
4,100
SS316
50 pcs.
15;17
00 000 00
111-01301
MBT20UH
16.0
521.0
12.0
152.0
4,100
SS316
50 pcs.
15;17
00 000 00
111-01302
MBT27UH
16.0
681.0
12.0
203.0
4,100
SS316
50 pcs.
15;17
00 000 00
111-01303
MBT33UH
16.0
838.0
12.0
254.0
4,100
SS316
50 pcs.
15;17
00 000 00
111-01304
MBT43UH
16.0
1,092.0
12.0
330.0
4,100
SS316
25 pcs.
15;17
00 000 00
111-01305
MBT49UH
16.0
1,245.0
12.0
380.0
4,100
SS316
25 pcs.
15;17
00 000 00
111-01306
All dimensions in mm. Subject to technical changes.
Minimum Order Quantity (MOQ) may differ from package content. Other packaging options may also be available.
L
W
MBT-Series 16.0 mm width



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com